Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5811 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N5811 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N5811
Download  1N5811 Download
File Size   86.29 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SILICON RECTIFIER - VERY FAST SWITCHING

1N5811 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5811 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N5811
Download  1N5811 Click to download

File Size   86.29 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SILICON RECTIFIER - VERY FAST SWITCHING

1N5811 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N5811 Product details

DESCRIPTION
This series of High Efficiency Power Rectifiers allows circuit designers to design high current, high frequency supplies to 500 kHz with very low diode losses. The high forward surge capability makes these devices useful in protective circuits.

FEATURES
● Exceptional Efficiency
● Low Forward Voltage
● Extremely Fast Reverse Recovery Time
● Extremely Fast Forward Recovery Time
● High Surge
● Small Size
● Rugged, High Current Termination




Similar Part No. - 1N5811

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5811 MICROSEMI-1N5811 Datasheet
59Kb / 2P
ULTRA FAST RECTIFIERS
1N5811 MICROSEMI-1N5811 Datasheet
133Kb / 3P
MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP
logo
Sensitron
1N5811 SENSITRON-1N5811 Datasheet
42Kb / 2P
HIGH EFFICIENTCY AXIAL LEAD RECTIFIERS
logo
Semtech Corporation
1N5811 SEMTECH-1N5811 Datasheet
200Kb / 3P
RECTIFIER, up to 150V, 6A, 30ns
logo
Gulf Semiconductor
1N5811 GULFSEMI-1N5811 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?50V CURRENT: 3.0A
More results


Similar Description - 1N5811

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE569 NTE-NTE569 Datasheet
17Kb / 1P
Silicon Rectifier Fast Switching, Soft Recovery
NTE586 NTE-NTE586 Datasheet
15Kb / 1P
Silicon Rectifier Diode Schottky Barrier, Fast Switching
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
Very Fast Soft Recovery Rectifier
24-Jun-98
BYT53 VISHAY-BYT53 Datasheet
43Kb / 4P
Very Fast Silicon Mesa Rectifiers
24-Jun-98
BYW178 VISHAY-BYW178 Datasheet
45Kb / 4P
Very Fast Silicon Mesa Rectifier
24-Jun-98
logo
Diotec Semiconductor
FR2A DIOTEC-FR2A_10 Datasheet
99Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
SA261 DIOTEC-SA261_10 Datasheet
107Kb / 2P
Fast Switching Surface Mount Silicon Rectifier Diodes
HV3 DIOTEC-HV3_08 Datasheet
97Kb / 2P
Fast Switching High Voltage Silicon Rectifier Diodes
logo
New Jersey Semi-Conduct...
1N5809 NJSEMI-1N5809 Datasheet
86Kb / 1P
SILICON RECTIFIER - VERY FAST SWITCHING
logo
Solid States Devices, I...
SCR006 SSDI-SCR006_15 Datasheet
147Kb / 2P
FAST SWITCHING SILICON CONTROLLED RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com