Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6081 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N6081 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N6081
Download  1N6081 Download
File Size   103.03 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ULTRA FAST POWER RECTIFIERS

1N6081 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6081 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N6081
Download  1N6081 Click to download

File Size   103.03 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description ULTRA FAST POWER RECTIFIERS

1N6081 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N6081 Product details

FEATURES
● Triple layer passivation.
● Metallurgically bonded.
● Ultra fast recovery.
● Voidless hermetically sealed glass package.




Similar Part No. - 1N6081

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6081 MICROSEMI-1N6081 Datasheet
70Kb / 2P
ULTRA FAST POWER RECTIFIERS
1N6081 MICROSEMI-1N6081 Datasheet
336Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Semtech Corporation
1N6081 SEMTECH-1N6081 Datasheet
150Kb / 4P
RECTIFIER, up to 150V, 5A, 30ns
logo
Microsemi Corporation
1N6081 MICROSEMI-1N6081 Datasheet
300Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
FAST RECTIFIER, 2A < I(O) / I(F) s 5A
More results


Similar Description - 1N6081

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6073 MICROSEMI-1N6073 Datasheet
70Kb / 2P
ULTRA FAST POWER RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
ULTRA FAST RECTIFIERS
logo
Gulf Semiconductor
UGRP16D GULFSEMI-UGRP16D Datasheet
186Kb / 2P
Ultra fast Plastic Power Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
ULTRA FAST RECTIFIERS
logo
Microdiode Semiconducto...
UF5400 CHENDA-UF5400 Datasheet
534Kb / 2P
ULTRA FAST RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MUR410G YFWDIODE-MUR410G Datasheet
431Kb / 3P
Ultra Fast Rectifiers
logo
Shenzhen Luguang Electr...
MUR1560 LUGUANG-MUR1560 Datasheet
1Mb / 4P
Swihchmode Ultra-Fast Power Rectifiers
MURS620 LUGUANG-MURS620 Datasheet
549Kb / 4P
Switchmode Ultra-Fast Power Rectifiers
Revision:20210615-P1
logo
SAMYANG ELECTRONICS CO....
US5A SAMYANG-US5A Datasheet
1Mb / 3P
ULTRA FAST RECTIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com