Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6080 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N6080 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N6080
Download  1N6080 Download
File Size   82.42 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description FAST RECTIFIERS, 2A < I(O) / I(F) < 5A

1N6080 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6080 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N6080
Download  1N6080 Click to download

File Size   82.42 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description FAST RECTIFIERS, 2A < I(O) / I(F) < 5A

1N6080 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N6080 Product details

FEATURES
● Triple layer passivation.
● Metallurgically bonded.
● Ultra fast recovery.
● Voidless hermetically sealed glass package.




Similar Part No. - 1N6080

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6080 MICROSEMI-1N6080 Datasheet
70Kb / 2P
ULTRA FAST POWER RECTIFIERS
1N6080 MICROSEMI-1N6080 Datasheet
336Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Semtech Corporation
1N6080 SEMTECH-1N6080 Datasheet
150Kb / 4P
RECTIFIER, up to 150V, 5A, 30ns
logo
Microsemi Corporation
1N6080 MICROSEMI-1N6080 Datasheet
300Kb / 3P
VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Digitron Semiconductors
1N6080 DIGITRON-1N6080 Datasheet
158Kb / 3P
ULTRA FAST RECTIFIERS
More results


Similar Description - 1N6080

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
30S2 NJSEMI-30S2 Datasheet
61Kb / 1P
SI RECTIFIER, 2A I(O)/I(F) S 5A
30S8 NJSEMI-30S8 Datasheet
72Kb / 1P
SI RECTIFIER, 2A < I(O)/I(F) S 5A
1N250 NJSEMI-1N250 Datasheet
101Kb / 1P
SI RECTIFIER, 5A < I(O)/I(F) < 10A
1N3880 NJSEMI-1N3880 Datasheet
94Kb / 1P
Fast Rectifier, 5A < I(O)/I(F) s 10A
1N3882 NJSEMI-1N3882 Datasheet
103Kb / 1P
Fast Rectifier, 5A < I(O) / I(F) <10A
1N6081 NJSEMI-1N6081 Datasheet
84Kb / 1P
FAST RECTIFIER, 2A < I(O) / I(F) s 5A
1N6621 NJSEMI-1N6621 Datasheet
78Kb / 1P
FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N6622 NJSEMI-1N6622 Datasheet
67Kb / 1P
FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N6627 NJSEMI-1N6627 Datasheet
83Kb / 1P
FAST RECTIFIER, 1A < I(O) / I(F) < 2A
1N3614 NJSEMI-1N3614 Datasheet
87Kb / 1P
Si Rectifier, 1A < I(O) / I(F) s 2A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com