Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6321 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

1N6321 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 1N6321
Download  1N6321 Download
File Size   255.76 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 1/2 WATT ZENER DIODES , DO-35 HARD GLASS PACKAGE

1N6321 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6321 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 1N6321
Download  1N6321 Click to download

File Size   255.76 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description 1/2 WATT ZENER DIODES , DO-35 HARD GLASS PACKAGE

1N6321 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


1N6321 Product details

1/2 Watt Zener Diodes

DO-35 Hard Glass Package




Similar Part No. - 1N6321

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6321 MICROSEMI-1N6321 Datasheet
96Kb / 2P
500 mW GLASS ZENER DIODES
logo
Sensitron
1N6321 SENSITRON-1N6321 Datasheet
127Kb / 4P
ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6321 NJSEMI-1N6321 Datasheet
94Kb / 1P
ZENER VOLTAGE REGULATOR DIODE
logo
Digitron Semiconductors
1N6321 DIGITRON-1N6321 Datasheet
268Kb / 3P
500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6321 MICROSEMI-1N6321 Datasheet
481Kb / 6P
VOIDLESS HERMETICALLY SEALED 500mW GLASS ZENER DIODES
Rev. 2
More results


Similar Description - 1N6321

ManufacturerPart #DatasheetDescription
logo
NEC
RD82F NEC-RD82F Datasheet
63Kb / 8P
ZENER DIODES 1 W DO-41 GLASS SEALED PACKAGE
logo
Motorola, Inc
BZX55C2V4RL MOTOROLA-BZX55C2V4RL Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
1N4370A MOTOROLA-1N4370A Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
MZ4625 MOTOROLA-MZ4625 Datasheet
424Kb / 42P
500 mW DO-35 Glass Zener Voltage Regulator Diodes
logo
First Components Intern...
1N5221 FCI-1N5221 Datasheet
159Kb / 3P
1/2 Watt ZENER DIODES
logo
Jiangsu High diode Semi...
1N52-SERIES HDSEMI-1N52-SERIES Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
1N4148-DO-35 HDSEMI-1N4148-DO-35 Datasheet
1Mb / 5P
DO-35 Glass-Encapsulate Diodes
BZX55 HDSEMI-BZX55 Datasheet
1Mb / 6P
DO-35 Glass-Encapsulate Diodes
DB3-DO-35 HDSEMI-DB3-DO-35 Datasheet
1Mb / 4P
DO-35 Glass-Encapsulate Diodes
logo
SeCoS Halbleitertechnol...
1N52XXB SECOS-1N52XXB Datasheet
122Kb / 2P
500 mW , DO-35 Zener Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com