Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5729 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N5729 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N5729
Download  2N5729 Download
File Size   174.77 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN TO-39/TO-5

2N5729 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5729 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N5729
Download  2N5729 Click to download

File Size   174.77 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description NPN TO-39/TO-5

2N5729 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N5729 Product details

NPN TO-39/TO-5

Case 801

I(MAX) = 0.05 to 10 A
VCEO(sus) = 40 • 800V
fT = 1 to 50 MHz




Similar Part No. - 2N5729

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5720 NJSEMI-2N5720 Datasheet
185Kb / 2P
SCRS 5AMP, PLANAR
2N5721 NJSEMI-2N5721 Datasheet
185Kb / 2P
SCRS 5AMP, PLANAR
2N5722 NJSEMI-2N5722 Datasheet
185Kb / 2P
SCRS 5AMP, PLANAR
2N5723 NJSEMI-2N5723 Datasheet
185Kb / 2P
SCRS 5AMP, PLANAR
logo
Microsemi Corporation
2N5724 MICROSEMI-2N5724 Datasheet
157Kb / 4P
SCRs 1.6 Amp, Planar
More results


Similar Description - 2N5729

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N4036 MOTOROLA-2N4036 Datasheet
86Kb / 4P
CASE 79.04, STYLE 1 TO-39 (TO-205AD)
logo
Central Semiconductor C...
2N696 CENTRAL-2N696 Datasheet
140Kb / 2P
NPN SILICON TRANSISTOR JEDEC TO-39 CASE
logo
List of Unclassifed Man...
2SD1553 ETC1-2SD1553 Datasheet
137Kb / 1P
TO-39(H) PACKAGE SERIES
logo
TAI-SAW TECHNOLOGY CO.,...
TB480E3 TAI-SAW-TB480E3 Datasheet
179Kb / 4P
SAW Filter 480MHz TO-39
TE0103A TAI-SAW-TE0103A Datasheet
236Kb / 5P
SAW Filter 479.5MHz TO-39
TC0418A TAI-SAW-TC0418A Datasheet
181Kb / 3P
SAW Resonator 316 MHz TO-39
TB433E2 TAI-SAW-TB433E2 Datasheet
184Kb / 4P
SAW Filter 433.92 MHz TO-39
TB480F3 TAI-SAW-TB480F3 Datasheet
204Kb / 4P
SAW Filter 479.5MHz TO-39
TB480G3 TAI-SAW-TB480G3 Datasheet
205Kb / 4P
SAW Filter 479.5MHz TO-39
logo
Marktech Corporate
MTE3650L2-UV-HP MARKTECH-MTE3650L2-UV-HP Datasheet
921Kb / 3P
Hermetically Sealed TO-39
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com