Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N2013 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

2N2013 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # 2N2013
Download  2N2013 Download
File Size   80.28 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 300 V TO 399.9 V

2N2013 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N2013 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # 2N2013
Download  2N2013 Click to download

File Size   80.28 Kbytes
Page   1 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SCR, V(DRM) = 300 V TO 399.9 V

2N2013 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


2N2013 Product details

Description: SCR, V(DRM)= 300 V to 399.9 V




Similar Part No. - 2N2013

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N2015 NJSEMI-2N2015 Datasheet
166Kb / 2P
20 STERN AVE SPRINGFIELD,NEW JERSEY 07081 U.S.A
logo
List of Unclassifed Man...
2N2015 ETC1-2N2015 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
2N2016 ETC1-2N2016 Datasheet
2Mb / 6P
GERMANIUM PNP TRANSISTORS
logo
Central Semiconductor C...
2N2017 CENTRAL-2N2017 Datasheet
55Kb / 1P
SMALL SIGNAL TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2017 NJSEMI-2N2017 Datasheet
81Kb / 1P
Small Signal Transistors
More results


Similar Description - 2N2013

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
150C15B NJSEMI-150C15B Datasheet
112Kb / 1P
SCR, (DRM) = 100 V TO 199.9 V
2N1604 NJSEMI-2N1604 Datasheet
112Kb / 1P
SCR, V (DRM) = 400 V TO 499.9 V
2N1772 NJSEMI-2N1772 Datasheet
90Kb / 1P
SCR, V (DRM) = 100V TO 199.9 V
2N1774 NJSEMI-2N1774 Datasheet
111Kb / 1P
SCR, V (DRM) = 200V TO 299.9 V
2N1871A NJSEMI-2N1871A Datasheet
105Kb / 1P
SCR, V (DRM) = 50 V TO 99.9 V
2N3005 NJSEMI-2N3005 Datasheet
88Kb / 1P
SCR, V(DRM) < 50 V
2N2329 NJSEMI-2N2329 Datasheet
93Kb / 1P
SCR, V(DRM) = 400 V TO 499.9 V
2N2326 NJSEMI-2N2326 Datasheet
94Kb / 1P
SCR, V(DRM) = 200 V TO 299.9 V
2N2324A NJSEMI-2N2324A Datasheet
103Kb / 1P
SCR, V(DRM) = 100 V TO 199.9 V
2N2324 NJSEMI-2N2324 Datasheet
85Kb / 1P
SCR, V(DRM) = 100 V TO 199.9 V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com