Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N0602N Datasheet (PDF) - Renesas Technology Corp

N0602N Datasheet PDF - Renesas Technology Corp
Part # N0602N
Download  N0602N Download
File Size   217.59 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOSFET FOR SWITCHING

N0602N Datasheet (PDF)

Go To PDF Page Download Datasheet
N0602N Datasheet PDF - Renesas Technology Corp

Part # N0602N
Download  N0602N Click to download

File Size   217.59 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description N-CHANNEL MOSFET FOR SWITCHING

N0602N Datasheet (HTML) - Renesas Technology Corp


N0602N Product details

Description

The N0602N is N-channel MOS Field Effect Transistor designed for high current switching applications.



Features

• Low on-state resistance

   RDS (on) = 4.6 mΩ MAX. (VGS = 10 V, ID = 50 A)

• Low input capacitance

   Ciss = 7730 pF TYP. (VDS = 25 V, VGS = 0 V)

• High current

   ID(DC) = ±100 A

• RoHS Compliant



 




Similar Part No. - N0602N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
N0602N ISC-N0602N Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
N0602N RENESAS-N0602N_15 Datasheet
217Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
More results


Similar Description - N0602N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
N0412N RENESAS-N0412N Datasheet
217Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
QN7002 RENESAS-QN7002_15 Datasheet
172Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
N0601N RENESAS-N0601N_15 Datasheet
218Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK1483C RENESAS-2SK1483C Datasheet
214Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
2SK2857C RENESAS-2SK2857C Datasheet
196Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA572CT RENESAS-UPA572CT Datasheet
143Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606CT RENESAS-UPA606CT Datasheet
175Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA672CT RENESAS-UPA672CT Datasheet
163Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
UPA606C RENESAS-UPA606C Datasheet
174Kb / 8P
N-CHANNEL MOSFET FOR SWITCHING
Jul 24, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com