Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP28N10SDE Datasheet (PDF) - Renesas Technology Corp

NP28N10SDE Datasheet PDF - Renesas Technology Corp
Part # NP28N10SDE
Download  NP28N10SDE Download
File Size   255.69 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

NP28N10SDE Datasheet (PDF)

Go To PDF Page Download Datasheet
NP28N10SDE Datasheet PDF - Renesas Technology Corp

Part # NP28N10SDE
Download  NP28N10SDE Click to download

File Size   255.69 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

NP28N10SDE Datasheet (HTML) - Renesas Technology Corp


NP28N10SDE Product details

Description
The NP28N10SDE is N-channel MOS Field Effect Transistor designed for high current switching applications.

Features
• Low on-state resistance
   RDS(on)1 = 52 mΩ MAX. (VGS = 10 V, ID = 14 A)
   RDS(on)2 = 59 mΩ MAX. (VGS = 4.5 V, ID = 14 A)
• Low Ciss: Ciss = 2200 pF TYP. (VDS = 25 V)
• Designed for automotive application and AEC-Q101 qualified




Similar Part No. - NP28N10SDE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP28N10SDE RENESAS-NP28N10SDE Datasheet
5Mb / 6P
Product Scout Automotive
logo
VBsemi Electronics Co.,...
NP28N10SDE VBSEMI-NP28N10SDE Datasheet
984Kb / 8P
N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
NP28N10SDE ISC-NP28N10SDE Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
NP28N10SDE RENESAS-NP28N10SDE_15 Datasheet
255Kb / 8P
MOS FIELD EFFECT TRANSISTOR
More results


Similar Description - NP28N10SDE

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com