Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C504 Datasheet (PDF) - Siemens Semiconductor Group

C504 Datasheet PDF - Siemens Semiconductor Group
Part # C504
Download  C504 Download
File Size   962.16 Kbytes
Page   49 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C504 Datasheet (PDF)

Go To PDF Page Download Datasheet
C504 Datasheet PDF - Siemens Semiconductor Group

Part # C504
Download  C504 Click to download

File Size   962.16 Kbytes
Page   49 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C504 Datasheet (HTML) - Siemens Semiconductor Group


C504 Product details

• Fully compatible to standard 8051 microcontroller

• Up to 40 MHz operating frequency

• 16 K×8 ROM (C504-2R only, optional ROM protection)

• 256×8 RAM

• 256×8 XRAM

• Four 8-bit ports, (2 ports with mixed analog/digital I/O capability)

• Three 16-bit timers/counters (timer 2 with up/down counter feature)

• Capture/compare unit for PWM signal generation and signal capturing

- 3-channel, 16-bit capture/compare unit

- 1-channel, 10-bit compare unit

• Compare unit

• USART

• 10-bit A/D Converter with 8 multiplexed inputs

• Twelve interrupt sources with two priority levels

• On-chip emulation support logic (Enhanced Hooks Technology TM)

• Programmable 15-bit Watchdog Timer

• Oscillator Watchdog

• Fast Power On Reset

• Power Saving Modes

• M-QFP-44 package

• Temperature ranges: SAB-C504 TA : 0 to 70°C

                                SAF-C504 TA : – 40 to 85°C

                             SAH-C504 TA : – 40 to 110°C (max. operating frequency.: TBD)

                            SAK-C504 TA : – 40 to 125°C (max. operating frequency.: 12 MHz)




Similar Part No. - C504

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C504 SIEMENS-C504 Datasheet
2Mb / 225P
8-Bit CMOS Microcontroller
logo
Powerbox
C504 POWERBOX-C504 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Fairchild Semiconductor
C5042F FAIRCHILD-C5042F Datasheet
62Kb / 4P
High Voltage Switchihg Dynamic Focus Application
logo
General Cable Technolog...
C5043.41.01 GENERAL-C5043.41.01 Datasheet
73Kb / 3P
C5043, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
C50434101 GENERAL-C50434101 Datasheet
73Kb / 3P
C5043, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel
More results


Similar Description - C504

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com