Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX7437 Datasheet (PDF) - Renesas Technology Corp

NX7437 Datasheet PDF - Renesas Technology Corp
Part # NX7437
Download  NX7437 Download
File Size   186.46 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION

NX7437 Datasheet (PDF)

Go To PDF Page Download Datasheet
NX7437 Datasheet PDF - Renesas Technology Corp

Part # NX7437
Download  NX7437 Click to download

File Size   186.46 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION

NX7437 Datasheet (HTML) - Renesas Technology Corp


NX7437 Product details

DESCRIPTION
The NX7437 Series is a 1 490 nm Multiple Quantum Well (MQW) structured Fabry-Perot (FP) laser diode coaxial module with single mode fiber. This module is specified to operate under pulsed condition and designed for light source of Optical Time Domain Reflectometer (OTDR).

FEATURES
• High output power Pf = 90 mW @ IFP = 400 mA*1
• Long wavelength λC = 1 490 nm
• NX7437AG-AA has a built-in monitor PD.

*1 Pulse Conditions: Pulse width (PW) = 10 μs, Duty = 1%




Similar Part No. - NX7437

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437AG-AA CEL-NX7437AG-AA Datasheet
295Kb / 10P
1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437BF-AA CEL-NX7437BF-AA Datasheet
295Kb / 10P
1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
More results


Similar Description - NX7437

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX7337BF-AA RENESAS-NX7337BF-AA Datasheet
173Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA Datasheet
176Kb / 9P
LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7538BF-AA RENESAS-NX7538BF-AA Datasheet
186Kb / 9P
LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
California Eastern Labs
NX7437 CEL-NX7437 Datasheet
295Kb / 10P
1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
logo
Renesas Technology Corp
NX7338BF-AA RENESAS-NX7338BF-AA_15 Datasheet
164Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7437 RENESAS-NX7437_15 Datasheet
179Kb / 11P
LASER DIODE 1 490 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7537BF-AA RENESAS-NX7537BF-AA_15 Datasheet
168Kb / 9P
LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7539BB-AA RENESAS-NX7539BB-AA_15 Datasheet
166Kb / 8P
LASER DIODE 1 550 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
NX7338BF-AA RENESAS-NX7338BF-AA Datasheet
738Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
NX7339BB-AA RENESAS-NX7339BB-AA Datasheet
747Kb / 9P
LASER DIODE 1 310 nm InGaAsP MQW-FP LASER DIODE COAXIAL MODULE FOR OTDR APPLICATION
Jul 12, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com