Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NX8346TS Datasheet (PDF) - Renesas Technology Corp

NX8346TS Datasheet PDF - Renesas Technology Corp
Part # NX8346TS
Download  NX8346TS Download
File Size   172.2 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION

NX8346TS Datasheet (PDF)

Go To PDF Page Download Datasheet
NX8346TS Datasheet PDF - Renesas Technology Corp

Part # NX8346TS
Download  NX8346TS Click to download

File Size   172.2 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION

NX8346TS Datasheet (HTML) - Renesas Technology Corp


NX8346TS Product details

DESCRIPTION
The NX8346TS is a 1 310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode TOSA (transmitter optical subassembly) with InGaAs monitor PIN-PD in a receptacle type package designed for SFP+/XFP transceiver.

FEATURES
• Internal optical isolator
• Optical output power Pf = −3 dBm
• Low threshold current lth = 8 mA TYP. @ TC = 25°C
• Wide operating temperature range TC = −5 to +95°C
• InGaAs monitor PIN-PD

APPLICATIONS
• 10 G BASE-LW/LR
• 10 G Fibre Channel




Similar Part No. - NX8346TS

ManufacturerPart #DatasheetDescription
logo
NEC
NX8346TS NEC-NX8346TS Datasheet
89Kb / 8P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8346TS CEL-NX8346TS Datasheet
195Kb / 8P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS-AZ CEL-NX8346TS-AZ Datasheet
195Kb / 8P
1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8346TS RENESAS-NX8346TS_15 Datasheet
164Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results


Similar Description - NX8346TS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NX8369TB RENESAS-NX8369TB Datasheet
213Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TS RENESAS-NX8369TS Datasheet
212Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB Datasheet
211Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8369TB CEL-NX8369TB Datasheet
214Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
Renesas Technology Corp
NX8349YK RENESAS-NX8349YK_15 Datasheet
253Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8346TS RENESAS-NX8346TS_15 Datasheet
164Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TB RENESAS-NX8349TB_15 Datasheet
204Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8349TS RENESAS-NX8349TS_15 Datasheet
246Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
NX8369TS RENESAS-NX8369TS_15 Datasheet
204Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
logo
California Eastern Labs
NX8349TS CEL-NX8349TS_16 Datasheet
705Kb / 9P
LASER DIODE 1 310 nm AlGaInAs MQW-DFB LASER DIODE FOR 10 Gb/s APPLICATION
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com