Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C515A Datasheet (PDF) - Siemens Semiconductor Group

C515A Datasheet PDF - Siemens Semiconductor Group
Part # C515A
Download  C515A Download
File Size   634.27 Kbytes
Page   58 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C515A Datasheet (PDF)

Go To PDF Page Download Datasheet
C515A Datasheet PDF - Siemens Semiconductor Group

Part # C515A
Download  C515A Click to download

File Size   634.27 Kbytes
Page   58 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description 8-Bit CMOS Microcontroller

C515A Datasheet (HTML) - Siemens Semiconductor Group


C515A Product details

Introduction
The C515A is a member of the Siemens C500 family of 8-bit microcontrollers. lt is functionally fully compatible with the SAB 80C515/83C515A-5 microcontrollers.
The C515A basically operates with internal and/or external program memory. The C515A-L is identical to the C515A-4R, except that it lacks the on-chip program memory. Therefore, in this documentation the term C515A refers to all versions within this specification unless otherwise noted.

Listed below is a summary of the main features of the C515A:

• Full upward compatibility with SAB 80C515A/83C515A-5
• Up to 24 MHz external operating frequency
   – 500 ns instruction cycle at 24 MHz operation
• 32K byte on-chip ROM (with optional ROM protection)
   – alternatively up to 64K byte external program memory
• Up to 64K byte external data memory
• 256 byte on-chip RAM
• 1K byte on-chip RAM (XRAM)
• On-chip emulation support logic (Enhanced Hooks Technology TM)
• Six 8-bit parallel I/O ports
• One input port for analog/digital input
• Full duplex serial interface (USART)
   – 4 operating modes, fixed or variabie baud rates
• Three 16-bit timer/counters
   – Timer 0 / 1 (C501 compatible)
   – Timer 2 for 16-bit reload, compare, or capture functions
• 10-bit A/D converter
   – 8 multiplexed analog inputs
   – Built-in self calibration
• 16-bit watchdog timer
• Power saving modes
   – Slow down mode
   – Idle mode (can be combined with slow down mode)
   – Software power down mode with wake-up capability through INT0 pin
   – Hardware power down mode
• 12 interrupt sources (7 external, 5 internal) selectable at 4 priority levels
• ALE switch-off capability
• P-MQFP-80 packages
• Temperature Ranges : SAB-C515A-4R TA = 0 to 70 °C
                                       SAF-C515A-4R TA = – 40 to 85 °C
                                       SAH-C515A-4R TA = – 40 to 110 °C
                                       SAK-C515A-4R TA = – 40 to 125 °C (max. frequency : 18 MHz)




Similar Part No. - C515A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C515A SIEMENS-C515A Datasheet
1Mb / 182P
8-Bit CMOS Microcontroller
C515A_9708 SIEMENS-C515A_9708 Datasheet
1Mb / 182P
8-Bit CMOS Microcontroller
More results


Similar Description - C515A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88CP77F TOSHIBA-TMP88CP77F Datasheet
627Kb / 12P
CMOS 8-BIT Microcontroller
19-Jul-2000
TMP86PM47AUG TOSHIBA-TMP86PM47AUG Datasheet
755Kb / 14P
CMOS 8-Bit Microcontroller
17-Jun-2003
TMP86PM47U TOSHIBA-TMP86PM47U Datasheet
738Kb / 14P
CMOS 8-Bit Microcontroller
11-Sep-2002
TMP87PM53F TOSHIBA-TMP87PM53F Datasheet
589Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP87PS68DF TOSHIBA-TMP87PS68DF Datasheet
569Kb / 16P
CMOS 8-BIT MICROCONTROLLER
TMP88CU74F TOSHIBA-TMP88CU74F Datasheet
1Mb / 132P
CMOS 8-BIT MICROCONTROLLER
TMP87C409BNG TOSHIBA-TMP87C409BNG Datasheet
4Mb / 89P
CMOS 8-BIT MICROCONTROLLER
TMP86FH47UG TOSHIBA-TMP86FH47UG Datasheet
438Kb / 34P
CMOS 8-BIT MICROCONTROLLER
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C515C_9711 SIEMENS-C515C_9711 Datasheet
1Mb / 268P
8-Bit CMOS Microcontroller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com