Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK6024DPE Datasheet (PDF) - Renesas Technology Corp

RJK6024DPE Datasheet PDF - Renesas Technology Corp
Part # RJK6024DPE
Download  RJK6024DPE Download
File Size   86.32 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 0.4A - MOS FET High Speed Power Switching

RJK6024DPE Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK6024DPE Datasheet PDF - Renesas Technology Corp

Part # RJK6024DPE
Download  RJK6024DPE Click to download

File Size   86.32 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 0.4A - MOS FET High Speed Power Switching

RJK6024DPE Datasheet (HTML) - Renesas Technology Corp


RJK6024DPE Product details

Features
• Low on-resistance
   RDS(on) = 28 Ω typ. (at ID = 0.2 A, VGS = 10 V, Ta = 25°C)
• Low leakage current
• High speed switching




Similar Part No. - RJK6024DPE

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RJK6024DPE ISC-RJK6024DPE Datasheet
327Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJK6024DPE RENESAS-RJK6024DPE_15 Datasheet
86Kb / 7P
600V - 0.4A - MOS FET High Speed Power Switching
More results


Similar Description - RJK6024DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6024DPD RENESAS-RJK6024DPD_12 Datasheet
79Kb / 7P
600V - 0.4A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
600V - 2A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
600V - 21A - MOS FET High Speed Power Switching
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0_15 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
RJK6024DPD RENESAS-RJK6024DPD_15 Datasheet
79Kb / 7P
600V - 0.4A - MOS FET High Speed Power Switching
RJK6024DPE RENESAS-RJK6024DPE_15 Datasheet
86Kb / 7P
600V - 0.4A - MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com