Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJK6025DPD Datasheet (PDF) - Renesas Technology Corp

RJK6025DPD Datasheet PDF - Renesas Technology Corp
Part # RJK6025DPD
Download  RJK6025DPD Download
File Size   80.84 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 1A - MOS FET High Speed Power Switching

RJK6025DPD Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK6025DPD Datasheet PDF - Renesas Technology Corp

Part # RJK6025DPD
Download  RJK6025DPD Click to download

File Size   80.84 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 1A - MOS FET High Speed Power Switching

RJK6025DPD Datasheet (HTML) - Renesas Technology Corp


RJK6025DPD Product details

Features
• Low on-resistance
   RDS(on) = 13.5 ± typ. (at ID = 0.5 A, VGS = 10 V, Ta = 25°C)
• Low drive current
• High density mounting




Similar Part No. - RJK6025DPD

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RJK6025DPD VBSEMI-RJK6025DPD Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RJK6025DPD DOINGTER-RJK6025DPD Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
RJK6025DPD ISC-RJK6025DPD Datasheet
276Kb / 2P
isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
RJK6025DPD RENESAS-RJK6025DPD_15 Datasheet
80Kb / 7P
600V - 1A - MOS FET High Speed Power Switching
More results


Similar Description - RJK6025DPD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6025DPH-E0 RENESAS-RJK6025DPH-E0 Datasheet
99Kb / 7P
600V - 1A - MOS FET High Speed Power Switching
RJK6034DPP-E0 RENESAS-RJK6034DPP-E0 Datasheet
104Kb / 7P
600V - 1A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
600V - 2A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6025DPD RENESAS-RJK6025DPD_15 Datasheet
80Kb / 7P
600V - 1A - MOS FET High Speed Power Switching
RJK6025DPH-E0 RENESAS-RJK6025DPH-E0_15 Datasheet
99Kb / 7P
600V - 1A - MOS FET High Speed Power Switching
RJK6034DPP-E0 RENESAS-RJK6034DPP-E0_15 Datasheet
104Kb / 7P
600V - 1A - MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com