Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP60F0DPE Datasheet (PDF) - Renesas Technology Corp

RJP60F0DPE Datasheet PDF - Renesas Technology Corp
Part # RJP60F0DPE
Download  RJP60F0DPE Download
File Size   87.89 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600 V - 25 A - IGBT High Speed Power Switching

RJP60F0DPE Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP60F0DPE Datasheet PDF - Renesas Technology Corp

Part # RJP60F0DPE
Download  RJP60F0DPE Click to download

File Size   87.89 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600 V - 25 A - IGBT High Speed Power Switching

RJP60F0DPE Datasheet (HTML) - Renesas Technology Corp


RJP60F0DPE Product details

600 V - 25 A - IGBT High Speed Power Switching



Features

  Low collector to emitter saturation voltage

           VCE(sat)= 1.4 V typ. (at IC= 25 A, VGE= 15V, Ta = 25°C)

  Trench gate and thin wafer technology

  High speed switching

           tf= 90 ns typ. (at IC= 30 A, VCE= 400 V, VGE= 15 V, Rg = 5 , Ta = 25°C, inductive load)




Similar Part No. - RJP60F0DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60F0DPE RENESAS-RJP60F0DPE_15 Datasheet
87Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
More results


Similar Description - RJP60F0DPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F3DPQ-A0 RENESAS-RJH60F3DPQ-A0 Datasheet
94Kb / 8P
600 V - 20 A - IGBT High Speed Power Switching
RJP60F0DPM RENESAS-RJP60F0DPM Datasheet
86Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0_15 Datasheet
95Kb / 8P
600 V - 25 A - IGBT High Speed Power Switching
RJH60F4DPQ-A0 RENESAS-RJH60F4DPQ-A0_15 Datasheet
88Kb / 8P
600 V - 30 A - IGBT High Speed Power Switching
RJH60F5DPQ-A0 RENESAS-RJH60F5DPQ-A0_15 Datasheet
94Kb / 8P
600 V - 40 A - IGBT High Speed Power Switching
RJH60F6DPQ-A0 RENESAS-RJH60F6DPQ-A0_15 Datasheet
95Kb / 8P
600 V - 45 A - IGBT High Speed Power Switching
RJH60F7DPQ-A0 RENESAS-RJH60F7DPQ-A0_15 Datasheet
95Kb / 8P
600 V - 50 A - IGBT High Speed Power Switching
RJH6086BDPK RENESAS-RJH6086BDPK_15 Datasheet
100Kb / 8P
600 V - 45 A - IGBT High Speed Power Switching
RJP60F0DPE RENESAS-RJP60F0DPE_15 Datasheet
87Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
RJP60F0DPM RENESAS-RJP60F0DPM_15 Datasheet
86Kb / 7P
600 V - 25 A - IGBT High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com