Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJP60V0DPM Datasheet (PDF) - Renesas Technology Corp

RJP60V0DPM Datasheet PDF - Renesas Technology Corp
Part # RJP60V0DPM
Download  RJP60V0DPM Download
File Size   91.23 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 22A - IGBT Application: Inverter

RJP60V0DPM Datasheet (PDF)

Go To PDF Page Download Datasheet
RJP60V0DPM Datasheet PDF - Renesas Technology Corp

Part # RJP60V0DPM
Download  RJP60V0DPM Click to download

File Size   91.23 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 22A - IGBT Application: Inverter

RJP60V0DPM Datasheet (HTML) - Renesas Technology Corp


RJP60V0DPM Product details

Features
● High breakdown-voltage
● Low Collector to Emitter saturation Voltage
     VCE(sat) = 1.5 V typ. (at IC = 22 A, VGE = 15 V, Ta = 25°C)
● Short circuit withstand time (6 s typ.)
● Trench gate and thin wafer technology (G6H series)




Similar Part No. - RJP60V0DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80T2 RENESAS-RJP60V0DPM-80T2 Datasheet
112Kb / 8P
600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
600V - 22A - IGBT Application: Inverter
More results


Similar Description - RJP60V0DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPQ-E0 RENESAS-RJH60D0DPQ-E0 Datasheet
111Kb / 10P
600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0 Datasheet
212Kb / 10P
600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80 Datasheet
112Kb / 8P
600V - 22A - IGBT Application: Inverter
RJP60V0DPM RENESAS-RJP60V0DPM_15 Datasheet
97Kb / 8P
600V - 22A - IGBT Application: Inverter
RJP60V0DPM-80 RENESAS-RJP60V0DPM-80_15 Datasheet
108Kb / 8P
600V - 22A - IGBT Application: Inverter
RJH60M0DPQ-E0 RENESAS-RJH60M0DPQ-E0_15 Datasheet
212Kb / 10P
600V - 22A - IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK_15 Datasheet
106Kb / 10P
600V - 22A - IGBT Application: Inverter
RJH60D0DPM RENESAS-RJH60D0DPM_15 Datasheet
106Kb / 10P
600V - 22A - IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
600V - 12A - IGBT Application: Inverter
RJH60D6DPM RENESAS-RJH60D6DPM_15 Datasheet
107Kb / 10P
600V - 40A - IGBT Application: Inverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com