Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU60C6SDPK-M0 Datasheet (PDF) - Renesas Technology Corp

RJU60C6SDPK-M0 Datasheet PDF - Renesas Technology Corp
Part # RJU60C6SDPK-M0
Download  RJU60C6SDPK-M0 Download
File Size   86.25 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Diode Fast Recovery Diode

RJU60C6SDPK-M0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU60C6SDPK-M0 Datasheet PDF - Renesas Technology Corp

Part # RJU60C6SDPK-M0
Download  RJU60C6SDPK-M0 Click to download

File Size   86.25 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Diode Fast Recovery Diode

RJU60C6SDPK-M0 Datasheet (HTML) - Renesas Technology Corp


RJU60C6SDPK-M0 Product details

Features
• Fast reverse recovery time: trr = 100 ns typ. (at IF = 30 A, di/dt = −100 A/μs)
• Low forward voltage: VF = 1.4 V typ. (at IF = 50 A)
• Low reverse current: IR = 1 μA max. (at VR = 600 V)




Similar Part No. - RJU60C6SDPK-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C6SDPE RENESAS-RJU60C6SDPE Datasheet
81Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6SDPQ-A0 RENESAS-RJU60C6SDPQ-A0 Datasheet
81Kb / 4P
Fast Recovery Diode
RJU60C6SDPQ-T2 RENESAS-RJU60C6SDPQ-T2 Datasheet
81Kb / 4P
Fast Recovery Diode
More results


Similar Description - RJU60C6SDPK-M0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU60C1SDPD RENESAS-RJU60C1SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C2SDPD RENESAS-RJU60C2SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C3SDPD RENESAS-RJU60C3SDPD Datasheet
80Kb / 4P
Single Diode Fast Recovery Diode
RJU60C3TDPP-EJ RENESAS-RJU60C3TDPP-EJ Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE Datasheet
81Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ Datasheet
87Kb / 4P
Single Diode Fast Recovery Diode
RJU60C2TDPP-EJ RENESAS-RJU60C2TDPP-EJ_15 Datasheet
86Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6TDPP-EJ RENESAS-RJU60C6TDPP-EJ_15 Datasheet
87Kb / 4P
Single Diode Fast Recovery Diode
RJU60C6SDPE RENESAS-RJU60C6SDPE_15 Datasheet
81Kb / 4P
Single Diode Fast Recovery Diode
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com