Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJU6054SDPE Datasheet (PDF) - Renesas Technology Corp

RJU6054SDPE Datasheet PDF - Renesas Technology Corp
Part # RJU6054SDPE
Download  RJU6054SDPE Download
File Size   81.47 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Diode Ultra Fast Recovery Diode

RJU6054SDPE Datasheet (PDF)

Go To PDF Page Download Datasheet
RJU6054SDPE Datasheet PDF - Renesas Technology Corp

Part # RJU6054SDPE
Download  RJU6054SDPE Click to download

File Size   81.47 Kbytes
Page   4 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single Diode Ultra Fast Recovery Diode

RJU6054SDPE Datasheet (HTML) - Renesas Technology Corp


RJU6054SDPE Product details

Features
• Ultra fast reverse recovery time: trr = 25 ns typ. (at IF = 30 A, di/dt = 100 A/μs)
• Low forward voltage: VF = 2.5 V typ. (at IF = 30 A)
• Low reverse current: IR = 1 μA max. (at VR = 600 V)




Similar Part No. - RJU6054SDPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU6054SDPE RENESAS-RJU6054SDPE Datasheet
73Kb / 4P
600V - 30A - Single Diode Ultra Fast Recovery Diode
RJU6054SDPE-00J3 RENESAS-RJU6054SDPE-00J3 Datasheet
73Kb / 4P
600V - 30A - Single Diode Ultra Fast Recovery Diode
RJU6054SDPE RENESAS-RJU6054SDPE_13 Datasheet
73Kb / 4P
600V - 30A - Single Diode Ultra Fast Recovery Diode
RJU6054SDPE RENESAS-RJU6054SDPE_15 Datasheet
73Kb / 4P
600V - 30A - Single Diode Ultra Fast Recovery Diode
More results


Similar Description - RJU6054SDPE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJU4351TDPP-EJ RENESAS-RJU4351TDPP-EJ Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052SDPD RENESAS-RJU6052SDPD_15 Datasheet
80Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052SDPE RENESAS-RJU6052SDPE_15 Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6052TDPP-EJ RENESAS-RJU6052TDPP-EJ_15 Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053SDPE RENESAS-RJU6053SDPE_15 Datasheet
81Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU6053TDPP-EJ RENESAS-RJU6053TDPP-EJ_15 Datasheet
87Kb / 4P
Single Diode Ultra Fast Recovery Diode
RJU4352TDPP-EJ RENESAS-RJU4352TDPP-EJ_15 Datasheet
62Kb / 4P
Single Diode Ultra Fast Recovery Diode
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com