Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMY91 Datasheet (PDF) - Siemens Semiconductor Group

CMY91 Datasheet PDF - Siemens Semiconductor Group
Part # CMY91
Download  CMY91 Download
File Size   58.44 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)

CMY91 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMY91 Datasheet PDF - Siemens Semiconductor Group

Part # CMY91
Download  CMY91 Click to download

File Size   58.44 Kbytes
Page   9 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description GaAs MMIC (GaAs mixer with integrated IF-amplifier for mobile communication)

CMY91 Datasheet (HTML) - Siemens Semiconductor Group


CMY91 Product details

GaAs MMIC

* GaAs mixer with integrated IF-amplifier for mobile communication
* Frequency range 0.8 GHz to 2.5 GHz
* Very low power consumption (1mA typ.)
* Single positive supply voltage
* Operating voltage range: 2.7 to 6 V
* Miniature package MW6 based on SOT23




Similar Part No. - CMY91

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMY1302 CANOPUS-CMY1302 Datasheet
532Kb / 1P
Mylar Speaker
CMY1303 CANOPUS-CMY1303 Datasheet
532Kb / 1P
Mylar Speaker
CMY1504A080AZ CANOPUS-CMY1504A080AZ Datasheet
532Kb / 1P
Mylar Speaker
CMY1504A080TE CANOPUS-CMY1504A080TE Datasheet
532Kb / 1P
Mylar Speaker
CMY1504A080TW CANOPUS-CMY1504A080TW Datasheet
532Kb / 1P
Mylar Speaker
More results


Similar Description - CMY91

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CGY120 SIEMENS-CGY120 Datasheet
70Kb / 7P
GaAs MMIC (Monolithic microwave IC MMIC-Amplifier for mobile communication)
CGY121A SIEMENS-CGY121A Datasheet
94Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Typical Gain Control range over 50dB)
CGY121B SIEMENS-CGY121B Datasheet
93Kb / 8P
GaAs MMIC (Variable gain amplifier MMIC-Amplifier for mobile communication Gain Control range over 50dB)
logo
Hittite Microwave Corpo...
HMC423MS8 HITTITE-HMC423MS8 Datasheet
216Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.0 - 2.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
HMC615LP4 HITTITE-HMC615LP4 Datasheet
230Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 2.3 - 4.0 GHz
HMC423MS8 HITTITE-HMC423MS8_08 Datasheet
189Kb / 6P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.6 - 1.3 GHz
HMC552LP4 HITTITE-HMC552LP4_11 Datasheet
505Kb / 8P
GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.6 - 3.0 GHz
HMC622LP4 HITTITE-HMC622LP4 Datasheet
327Kb / 10P
GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 1.8 - 3.9 GHz
HMC665LP4 HITTITE-HMC665LP4 Datasheet
664Kb / 10P
GaAs MMIC MIXER w/ INTEGRATED IF & LO AMPLIFIER, 0.7 - 1.2 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com