Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM802120 Datasheet (PDF) - Micrel Semiconductor

SM802120 Datasheet PDF - Micrel Semiconductor
Part # SM802120
Download  SM802120 Download
File Size   330.68 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer

SM802120 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM802120 Datasheet PDF - Micrel Semiconductor

Part # SM802120
Download  SM802120 Click to download

File Size   330.68 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer

SM802120 Datasheet (HTML) - Micrel Semiconductor


SM802120 Product details

General Description
The SM802120 is a member of the ClockWorks family of devices from Micrel and provides an extremely low-noise timing solution. It is based upon a unique patented RotaryWave® architecture that provides very low phase noise.
The device operates from a 3.3V or 2.5V power supply and synthesizes eight differential 125MHz output clocks, six LVDS and two HCSL. The SM802120 accepts a 25 MHz crystal input.

Features
 • Generates six LVDS 125MHz clocks and two HCSL 25MHz clocks
 • 2.5V or 3.3V operating range
 • Typical phase jitter @ 125 MHz (1.875MHz to 20MHz): 100fs
 • Industrial temperature range (–40°C to +85°C)
 • Green, RoHS, and PFOS compliant
 • Available in 44-pin 7mm x 7mm QFN package




Similar Part No. - SM802120

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM802121 MICREL-SM802121 Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMG MICREL-SM802121UMG Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802121UMGTR MICREL-SM802121UMGTR Datasheet
301Kb / 10P
ClockWorks10GbE (156.25MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802123UMG MICREL-SM802123UMG Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
More results


Similar Description - SM802120

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840021 MICREL-SM840021 Datasheet
342Kb / 10P
125MHz Ultra-Low Jitter Clock Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
PL602041 MICREL-PL602041 Datasheet
543Kb / 9P
ClockWorks PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL607041 MICREL-PL607041 Datasheet
565Kb / 11P
ClockWorks짰 PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602041 MICREL-PL602041_14 Datasheet
604Kb / 9P
ClockWorks??PCIe Quad Outputs Ultra-Low Jitter, HCSL Frequency Synthesizer
PL602081UMG MICREL-PL602081UMG Datasheet
646Kb / 15P
PCIe Octal, Ultra-Low Jitter, HCSL Frequency Synthesizer
logo
Microchip Technology
MX573EBB125M000 MICROCHIP-MX573EBB125M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 125MHz LVDS XO
June 26, 2019 Revision 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com