Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF220 Datasheet (PDF) - Micrel Semiconductor

MICRF220 Datasheet PDF - Micrel Semiconductor
Part # MICRF220
Download  MICRF220 Download
File Size   639.07 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch

MICRF220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MICRF220 Datasheet PDF - Micrel Semiconductor

Part # MICRF220
Download  MICRF220 Click to download

File Size   639.07 Kbytes
Page   18 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch

MICRF220 Datasheet (HTML) - Micrel Semiconductor


MICRF220 Product details

General Description 
The MICRF220 is a 300MHz to 450MHz super heterodyne, image-reject, RF receiver with automatic gain control, ASK/OOK demodulator, analog RSSI output, and integrated squelch features. It only requires a crystal and a minimum number of external components to implement. The MICRF220 is ideal for low-cost, low power, RKE, TPMS, and remote actuation applications.

Features
• –110dBm sensitivity at 1kbps with 0.1% BER
• Supports bit rates up to 20kbps at 433.92MHz
• 25dB image-reject mixer
• No IF filter required
• 60dB analog RSSI output range
• 3.0V to 3.6V supply voltage range
• 4.3mA supply current at 315MHz
• 6.0mA supply current at 434MHz
• 0.1µA supply current in shutdown mode
• Data output squelch until valid bits detected
• 16-pin QSOP package (4.9mm x 6.0mm)
•  −40˚C to +105˚C temperature range
• 3kV HBM ESD Rating




Similar Part No. - MICRF220

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF220AYQS MICREL-MICRF220AYQS Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
More results


Similar Description - MICRF220

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF219 MICREL-MICRF219 Datasheet
964Kb / 24P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Check and Squelch
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036 Datasheet
169Kb / 12P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 0; 3/09
MAX7036 MAXIM-MAX7036_10 Datasheet
218Kb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF219 MICREL-MICRF219_11 Datasheet
892Kb / 23P
300MHz to 450MHz ASK Receiver with RSSI, Auto-Poll, Bit-Che
logo
Maxim Integrated Produc...
MAX7036 MAXIM-MAX7036_12 Datasheet
174Kb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
Rev 1; 8/10
logo
Micrel Semiconductor
MICRF230 MICREL-MICRF230 Datasheet
856Kb / 20P
400MHz to 450MHz ASK/OOK Receiver with RSSI and Squelch
MICRF229 MICREL-MICRF229 Datasheet
831Kb / 23P
400MHz to 450MHz ASK/OOK Receiver with Auto-Poll and RSSI
MICRF220 MICREL-MICRF220_15 Datasheet
747Kb / 20P
300MHz to 450MHz, 3.3V ASK/OOK Receiver with RSSI and Squelch
MICRF219A MICREL-MICRF219A_15 Datasheet
834Kb / 25P
300MHz to 450MHz ASK/OOK Receiver with Auto-Poll, and RSSI
logo
Maxim Integrated Produc...
MAX7036EVKIT MAXIM-MAX7036EVKIT_V01 Datasheet
5Mb / 13P
300MHz to 450MHz ASK Receiver with Internal IF Filter
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com