Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5338 Datasheet (PDF) - Micrel Semiconductor

MIC5338 Datasheet PDF - Micrel Semiconductor
Part # MIC5338
Download  MIC5338 Download
File Size   344.26 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰

MIC5338 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5338 Datasheet PDF - Micrel Semiconductor

Part # MIC5338
Download  MIC5338 Click to download

File Size   344.26 Kbytes
Page   12 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰

MIC5338 Datasheet (HTML) - Micrel Semiconductor


MIC5338 Product details

General Description
The MIC5338/9 is an advanced dual 300mA LDO ideal for powering general purpose portable devices requiring low output noise and excellent Power Supply Rejection Ratio (PSRR). The MIC5338/9 provides two independently controlled, high performance, 300mA LDOs in a tiny 1.6mm x 1.6mm Thin MLF® package.

Features
• 2.5V to 5.5V input voltage range
• Two 300mA outputs
• High output accuracy – 2%
• Low quiescent current – 70µA total
• Stable with ceramic output capacitors
• Independent enable pins
• Low dropout voltage – 220mV at 300mA
• Low output noise
• Thermal shutdown protection
• Current limit protection
• Output discharge circuit – MIC5339
• 6-pin 1.6mm x 1.6mm Thin MLF® package

Applications
• Mobile phones
• Camera phones
• GPS, PMP, PDAs and handhelds
• Portable electronics




Similar Part No. - MIC5338

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results


Similar Description - MIC5338

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
500mA LDO in 1.6mm 횞 1.6mm Package
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
500mA LDO in 1.6mm 횞 1.6mm Package
logo
LUMEX INC.
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
3.2mm X 1.6mm Ultra Thin SMT LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com