Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE202930 Datasheet (PDF) - Renesas Technology Corp

NE202930 Datasheet PDF - Renesas Technology Corp
Part # NE202930
Download  NE202930 Download
File Size   217.2 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon NPN Epitaxial High Frequency Transistor

NE202930 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE202930 Datasheet PDF - Renesas Technology Corp

Part # NE202930
Download  NE202930 Click to download

File Size   217.2 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Silicon NPN Epitaxial High Frequency Transistor

NE202930 Datasheet (HTML) - Renesas Technology Corp


NE202930 Product details

FEATURES
• High transition frequency fT = 11 GHz TYP.
• Ideal for low noise and low distortion amplification
• Suitable for equipments of low collector voltage (Less than 5 V)
• Suitable for up to 1 GHz applications
​​​​​​​
APPLICATIONS
• LNA (Low Noise Amplifier) or power splitter for digital-TV




Similar Part No. - NE202930

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE202930 CEL-NE202930 Datasheet
571Kb / 7P
Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1 CEL-NE202930-T1 Datasheet
571Kb / 7P
Silicon NPN Epitaxial High Frequency Transistor
NE202930-T1-A CEL-NE202930-T1-A Datasheet
571Kb / 7P
Silicon NPN Epitaxial High Frequency Transistor
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
More results


Similar Description - NE202930

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2570A NEC-2SC2570A Datasheet
119Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC4178 NEC-2SC4178 Datasheet
211Kb / 4P
HIGH FREQUENCY AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
2SC5336 NEC-2SC5336 Datasheet
49Kb / 6P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 NEC-2SC5338 Datasheet
71Kb / 10P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Micro Electronics
BF314 MICRO-ELECTRONICS-BF314 Datasheet
83Kb / 1P
NPN HIGH FREQUENCY SILICON PLANAR EPITAXIAL TRANSISTOR
logo
NEC
NE856M02 NEC-NE856M02 Datasheet
63Kb / 7P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
Renesas Technology Corp
UPA800T RENESAS-UPA800T Datasheet
211Kb / 8P
HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
logo
California Eastern Labs
NE202930 CEL-NE202930 Datasheet
571Kb / 7P
Silicon NPN Epitaxial High Frequency Transistor
logo
Renesas Technology Corp
NE202930 RENESAS-NE202930_15 Datasheet
228Kb / 8P
Silicon NPN Epitaxial High Frequency Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com