Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NESG220034 Datasheet (PDF) - Renesas Technology Corp

NESG220034 Datasheet PDF - Renesas Technology Corp
Part # NESG220034
Download  NESG220034 Download
File Size   226.87 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)

NESG220034 Datasheet (PDF)

Go To PDF Page Download Datasheet
NESG220034 Datasheet PDF - Renesas Technology Corp

Part # NESG220034
Download  NESG220034 Click to download

File Size   226.87 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)

NESG220034 Datasheet (HTML) - Renesas Technology Corp


NESG220034 Product details

NPN SiGe RF TRANSISTOR FOR
UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION
3-PIN POWER MINIMOLD (34 PKG)

FEATURES
• The device is an ideal choice for low noise, low distortion amplification.
   NF = 0.7 dB TYP. @ VCE = 5 V, IC = 10 mA, f = 1 GHz
• PO (1 dB) = 22.5 dBm TYP. @ VCE = 5 V, IC (set) = 40 mA, f = 1 GHz
• OIP3 = 35 dBm TYP. @ VCE = 5 V, IC (set) = 40 mA, f = 1 GHz
• Maximum stable power gain: MSG =12.5 dB TYP. @ VCE = 5 V, IC = 40 mA, f = 1 GHz
• SiGe HBT technology (UHS2) : fT = 11.5 GHz
• This product is improvement of ESD of NESG2xxx series.
• 3-pin power minimold (34 PKG)




Similar Part No. - NESG220034

ManufacturerPart #DatasheetDescription
logo
NEC
NESG220034 NEC-NESG220034 Datasheet
97Kb / 9P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034-A NEC-NESG220034-A Datasheet
97Kb / 9P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
Renesas Technology Corp
NESG220034-A RENESAS-NESG220034-A Datasheet
137Kb / 2P
RF & Microwave device
logo
NEC
NESG220034-T1 NEC-NESG220034-T1 Datasheet
97Kb / 9P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034-T1-A NEC-NESG220034-T1-A Datasheet
97Kb / 9P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
More results


Similar Description - NESG220034

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220034 NEC-NESG220034 Datasheet
97Kb / 9P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
Renesas Technology Corp
NESG210833 RENESAS-NESG210833 Datasheet
232Kb / 10P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 RENESAS-NESG240033 Datasheet
232Kb / 10P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240034 RENESAS-NESG240034 Datasheet
221Kb / 11P
NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com