Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20114FPW0 Datasheet (PDF) - Renesas Technology Corp

R2A20114FPW0 Datasheet PDF - Renesas Technology Corp
Part # R2A20114FPW0
Download  R2A20114FPW0 Download
File Size   146.96 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Continuous Conduction Mode Interleaving PFC Control IC

R2A20114FPW0 Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20114FPW0 Datasheet PDF - Renesas Technology Corp

Part # R2A20114FPW0
Download  R2A20114FPW0 Click to download

File Size   146.96 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Continuous Conduction Mode Interleaving PFC Control IC

R2A20114FPW0 Datasheet (HTML) - Renesas Technology Corp


R2A20114FPW0 Product details

Description
R2A20114 series is a boost converter control IC with PFC (Power Factor Correction). Employing continuous conduction mode interleaving PFC, it performs higher efficiency and lower switching noise even for high power use. The control of continuous conduction mode is carried out by detecting the current in power MOSFET. The R2A20114 series supports two types of current detection methods; current detection by current transformers (R2A20104SP/FP), and that by shunt resisters (R2A20114SP/FP). So that, it can be applicable for a variety of applications. Interleaving control of the boost converters, namely, producing 180 degrees phase shift between the output signals (GD1,2) driving the boost converters, enables the system to perform high conversion efficiency and low switching noises and, at the same time, to reduces ripple currents in input and output current and then this allows use of smaller components such as boost inductors, input filters and output capacitors. R2A20114 series integrates a various kinds of protection circuits, such as the detection circuit of breaking of wire in feedback loop, two modes of over voltage protection circuits, over current protection circuit and error output circuit (*1), which improve the reliability of the power supply system and reduce the number of component parts on the system.

Features
• Maximum Ratings
   - Supply voltage Vcc: 24 V
   - Operating junction temperature Tjopr: from –40 to +150 degrees centigrade
• Electrical characteristics
   - VFB feedback voltage VREF: 2.5 V  1.5%
   - UVLO (Undervoltage Lockout) operation start voltage VH: 10.4 V  0.7 V
   - UVLO operation shutdown voltage VL: 8.9 V  0.5 V
   - UVLO hysteresis voltage Hysuvl : 1.5 V  0.5 V
• Functions
   - Boost converter control with continuous conduction mode
   - Interleaving control
   - Frequency modulation (*2)
   - Brownout
   - Phase drop (*1)
   - External clock synchronization input
   - External clock synchronization output (*1)
   - Two modes of over voltage protections
      Mode 1: Dynamic OVP preventing over voltage after sudden variation of load.
      Mode 2: Static OVP preventing over voltage in the period of normal operation.
   - Feedback loop wire breaking/open detector
   - Dual over voltage protection circuits (*1): FB and OVP2 terminals
   - Current balance control
   - Phase 1 and Phase 2 independent over current protection
   - Package line-up
      Pb-free LQFP-40 (R2A20104FP, R2A20114FP)
      Pb-free SOP-20 (R2A20104SP, R2A20114SP)




Similar Part No. - R2A20114FPW0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114FPW0 RENESAS-R2A20114FPW0 Datasheet
240Kb / 12P
Continuous Conduction Mode Interleaving
R2A20114FPW0 RENESAS-R2A20114FPW0 Datasheet
354Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
More results


Similar Description - R2A20114FPW0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
logo
Texas Instruments
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
Interleaving Continuous Conduction Mode PFC Controller
logo
Renesas Technology Corp
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com