Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTD3010N Datasheet (PDF) - Marktech Corporate

MTD3010N Datasheet PDF - Marktech Corporate
Part # MTD3010N
Download  MTD3010N Download
File Size   641.66 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Sensitivity Wavelength: 900nm

MTD3010N Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD3010N Datasheet PDF - Marktech Corporate

Part # MTD3010N
Download  MTD3010N Click to download

File Size   641.66 Kbytes
Page   3 Pages
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate
Description Peak Sensitivity Wavelength: 900nm

MTD3010N Datasheet (HTML) - Marktech Corporate


MTD3010N Product details

Peak Sensitivity Wavelength: 900nm

The MTD3010N is a photo diode in a TO-18 metal can domed package. It is well suited for high reliability and high speed applications.

FEATURES
> Linearity of Ee vs IL
> Low Dark Current / Metal Can Package
> Narrow Angular Response
> High Reliability in Demanding Environments

APPLICATIONS
> Optical Switches
> Edge Sensing
> Fiber Optical Communications
> Smoke Detectors




Similar Part No. - MTD3010N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3010N MARKTECH-MTD3010N Datasheet
641Kb / 3P
Photo Diode
MTD3010N MARKTECH-MTD3010N_15 Datasheet
641Kb / 3P
Photo Diode
More results


Similar Description - MTD3010N

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD3010PM MARKTECH-MTD3010PM_11 Datasheet
589Kb / 3P
Peak Sensitivity Wavelength: 900nm
MT5900_IR MARKTECH-MT5900_IR Datasheet
580Kb / 2P
Peak Emission Wavelength: 900nm
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
Peak Sensitivity Wavelength: 850nm
MTD5052N MARKTECH-MTD5052N Datasheet
602Kb / 2P
Peak Sensitivity Wavelength: 525nm
MTD8600TT MARKTECH-MTD8600TT Datasheet
705Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE5057W_UYG MARKTECH-MTE5057W_UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
MTD8000N4-T MARKTECH-MTD8000N4-T Datasheet
736Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTD8600T4-T MARKTECH-MTD8600T4-T Datasheet
784Kb / 3P
Peak Sensitivity Wavelength: 880nm
MTE5057W-UYG MARKTECH-MTE5057W-UYG Datasheet
642Kb / 4P
Peak Sensitivity Wavelength: 574nm
logo
STANLEY ELECTRIC CO.,LT...
TPS1195WB-TR STANLEY-TPS1195WB-TR Datasheet
528Kb / 18P
Peak sensitivity wavelength 900nm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com