Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSB5SA56A1A Datasheet (PDF) - OptoSupply International

OSB5SA56A1A Datasheet PDF - OptoSupply International
Part # OSB5SA56A1A
Download  OSB5SA56A1A Download
File Size   155.37 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Straw Super Blue LED

OSB5SA56A1A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSB5SA56A1A Datasheet PDF - OptoSupply International

Part # OSB5SA56A1A
Download  OSB5SA56A1A Click to download

File Size   155.37 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Straw Super Blue LED

OSB5SA56A1A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSB5SA56A1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5SA56A1A OPTOSUPPLY-OSB5SA56A1A Datasheet
101Kb / 1P
5mm Straw Super Blue LED
OSB5SA56A1A OPTOSUPPLY-OSB5SA56A1A Datasheet
111Kb / 1P
4.8mm Straw Super blue LED
More results


Similar Description - OSB5SA56A1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5S356E1R OPTOSUPPLY-OSB5S356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Super Blue LED
OSB5SA56A1A OPTOSUPPLY-OSB5SA56A1A Datasheet
101Kb / 1P
5mm Straw Super Blue LED
OSG5DA56A1A OPTOSUPPLY-OSG5DA56A1A Datasheet
101Kb / 1P
5mm Straw Pure Green LED
OSB5SA87A1A OPTOSUPPLY-OSB5SA87A1A Datasheet
137Kb / 1P
8mm Straw Super Blue LED
OSB5SA57E1A OPTOSUPPLY-OSB5SA57E1A_09 Datasheet
136Kb / 1P
5mm Flat Super Blue LED
OSB5SA5111A OPTOSUPPLY-OSB5SA5111A_09 Datasheet
105Kb / 1P
5mm Round Super Blue LED
OSB5SA5201A OPTOSUPPLY-OSB5SA5201A_09 Datasheet
137Kb / 1P
5mm Bullet Super Blue LED
OSG5DA56A1A OPTOSUPPLY-OSG5DA56A1A_09 Datasheet
155Kb / 1P
5mm Straw Pure Green LED
OS5RKE56C1A OPTOSUPPLY-OS5RKE56C1A Datasheet
114Kb / 1P
4.8mm Straw Super Red LED
OSB5SA56A1A OPTOSUPPLY-OSB5SA56A1A Datasheet
111Kb / 1P
4.8mm Straw Super blue LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com