Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL221A Datasheet (PDF) - Siemens Semiconductor Group

IL221A Datasheet PDF - Siemens Semiconductor Group
Part # IL221A
Download  IL221A Download
File Size   53.66 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER

IL221A Datasheet (PDF)

Go To PDF Page Download Datasheet
IL221A Datasheet PDF - Siemens Semiconductor Group

Part # IL221A
Download  IL221A Click to download

File Size   53.66 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER

IL221A Datasheet (HTML) - Siemens Semiconductor Group


IL221A Product details

DESCRIPTION
The IL221A/IL222A/IL223A is a high current transfer ratio (CTR) optocoupler with a Gallium Arsenide infrared LED emitter and a silicon NPN photodarlington transistor detector.
This device has a CTR tested at an 1 mA LED current. This low drive current permits easy interfacing from CMOS to LSTTL or TTL.
This optocoupler is constructed in a standard SOIC-8 foot print which makes it ideally suited for high density applications. In addition to eliminating through-holes requirements, this package conforms to standards for surface mounted devices.

FEATURES
• High Current Transfer Ratio, IF=1 mA,
   IL221A, 100% Minimum
   IL222A, 200% Minimum
   IL223A, 500% Minimum
• Withstand Test Voltage, 2500 VACRMS
• Electrical Specifications Similar to
   Standard 6 Pin Coupler
• Industry Standard SOIC-8 Surface
   Mountable Package
• Standard Lead Spacing, .05"
• Available in Tape and Reel Option
   (Conforms to EIA Standard RS481A)
• Compatible with Dual Wave, Vapor Phase
   and IR Reflow Soldering
• Underwriters Lab File #E52744
   (Code Letter P)




Similar Part No. - IL221A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
logo
Vishay Siliconix
IL221AT VISHAY-IL221AT Datasheet
127Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
IL221AT VISHAY-IL221AT_V01 Datasheet
119Kb / 7P
Optocoupler, Photodarlington Output, Low Input Current, High Gain, with Base Connection
08-May-08
More results


Similar Description - IL221A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILD223T VISHAY-ILD223T Datasheet
399Kb / 2P
Dual Photodarlington Small Outline Surface Mount Optocoupler
17-August-01
logo
Siemens Semiconductor G...
IL205A SIEMENS-IL205A Datasheet
46Kb / 3P
SMALL OUTLINE SURFACE MOUNT PHOTOTRANSISTOR OPTOCOUPLER
IL205AT SIEMENS-IL205AT Datasheet
87Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211A SIEMENS-IL211A Datasheet
46Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL211AT SIEMENS-IL211AT Datasheet
44Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215A SIEMENS-IL215A Datasheet
70Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL215AT SIEMENS-IL215AT Datasheet
66Kb / 3P
PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
IL221AT SIEMENS-IL221AT Datasheet
54Kb / 3P
PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD205 SIEMENS-ILD205 Datasheet
53Kb / 2P
DUAL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
ILD223 SIEMENS-ILD223 Datasheet
59Kb / 2P
DUAL PHOTODARLINGTON SMALL OUTLINE SURFACE MOUNT OPTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com