| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX13080E
|
343Kb / 24P |
5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05 |
|
MAX14780E
|
2Mb / 14P |
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10 |
|
MAX14780E_1110
|
2Mb / 14P |
5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11 |
|
MAX13085E
|
2Mb / 14P |
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11 |
|
MAX3076EASD-T
|
1Mb / 24P |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09 |
|
MAX13085EEPA
|
2Mb / 14P |
5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11 |
|
MAX13085EASA
|
993Kb / 24P |
5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11 |
|
MAX3070E
|
723Kb / 24P |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09 |
|
MAX13080E
|
601Kb / 24P |
5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11 |
|
MAX14780E
|
1Mb / 14P |
5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15 |