Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60 Datasheet (PDF) - Unisonic Technologies

1N60 Datasheet PDF - Unisonic Technologies
Part # 1N60_11
Download  1N60 Download
File Size   282.69 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 600V N-CHANNEL POWER MOSFET

1N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N60 Datasheet PDF - Unisonic Technologies

Part # 1N60_11
Download  1N60 Click to download

File Size   282.69 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.2A, 600V N-CHANNEL POWER MOSFET

1N60 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 1N60_11

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6001 MICROSEMI-1N6001 Datasheet
110Kb / 3P
SILICON 500 mW ZENER DIODES
1N6001 MICROSEMI-1N6001 Datasheet
225Kb / 3P
Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N6001 NJSEMI-1N6001 Datasheet
154Kb / 1P
500 MILLIWATT GLASS ZENER DIODES
logo
Digitron Semiconductors
1N6001 DIGITRON-1N6001 Datasheet
142Kb / 2P
500mW ZENER DIODES
logo
Microsemi Corporation
1N6001 MICROSEMI-1N6001 Datasheet
235Kb / 3P
Axial-Leaded 500 mW Zener Diodes
More results


Similar Description - 1N60_11

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
18N60 UTC-18N60_10 Datasheet
147Kb / 3P
600V N-CHANNEL POWER MOSFET
1N60P UTC-1N60P Datasheet
274Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N60Z UTC-1N60Z Datasheet
249Kb / 6P
1.2A, 600V N-CHANNEL POWER MOSFET
1N65 UTC-1N65 Datasheet
297Kb / 6P
1.2A, 650V N-CHANNEL POWER MOSFET
1N70 UTC-1N70_11 Datasheet
312Kb / 8P
1.2A, 700V N-CHANNEL POWER MOSFET
1N70Z UTC-1N70Z Datasheet
310Kb / 7P
1.2A, 700V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ1N60 DGNJDZ-NJ1N60 Datasheet
587Kb / 6P
1.2A 600V N-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJD04N60 JIANGSU-CJD04N60 Datasheet
1Mb / 4P
600V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
600V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com