Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N65L Datasheet (PDF) - Unisonic Technologies

2N65L Datasheet PDF - Unisonic Technologies
Part # 2N65L
Download  2N65L Download
File Size   187.29 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 650V N-CHANNEL POWER MOSFET

2N65L Datasheet (PDF)

Go To PDF Page Download Datasheet
2N65L Datasheet PDF - Unisonic Technologies

Part # 2N65L
Download  2N65L Click to download

File Size   187.29 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 2A, 650V N-CHANNEL POWER MOSFET

2N65L Datasheet (HTML) - Unisonic Technologies


2N65L Product details

DESCRIPTION

The UTC 2N65-C is a high voltage power MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



FEATURES

* RDS(ON) < 5.5Ω @ VGS = 10V, ID =1A

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness




Similar Part No. - 2N65L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65L-TA3-T UTC-2N65L-TA3-T Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N65L-TA3-T UTC-2N65L-TA3-T Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65L-TF1-T UTC-2N65L-TF1-T Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
2N65L-TF1-T UTC-2N65L-TF1-T Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65L-TF3-T UTC-2N65L-TF3-T Datasheet
185Kb / 6P
2 Amps, 650 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 2N65L

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N65 UTC-2N65_11 Datasheet
195Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65Z UTC-2N65Z Datasheet
206Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
650V / 2A N-Channel Enhancement Mode MOSFET
logo
Unisonic Technologies
2N65K UTC-2N65K Datasheet
235Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
2N65ZL UTC-2N65ZL Datasheet
232Kb / 6P
2A, 650V N-CHANNEL POWER MOSFET
logo
Jiangsu Donghai Semicon...
2N65 WXDH-2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
B2N65 WXDH-B2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
E2N65 WXDH-E2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
F2N65 WXDH-F2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
I2N65 WXDH-I2N65 Datasheet
1Mb / 12P
2A 650V N-channel Enhancement Mode Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com