Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL74 Datasheet (PDF) - Siemens Semiconductor Group

IL74 Datasheet PDF - Siemens Semiconductor Group
Part # IL74
Download  IL74 Download
File Size   85.36 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

IL74 Datasheet (PDF)

Go To PDF Page Download Datasheet
IL74 Datasheet PDF - Siemens Semiconductor Group

Part # IL74
Download  IL74 Click to download

File Size   85.36 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR OPTOCOUPLER

IL74 Datasheet (HTML) - Siemens Semiconductor Group


IL74 Product details

DESCRIPTION

The IL74 is an optically coupled pair with a Gallium Arsenide infrared LED and a silicon NPN phototransistor. Signal information, including a DC level, can be transmitted by the device while maintaining a high degree of electrical isolation between input and output. The IL74 is especially designed for driving medium-speed logic, where it may be used to eliminate troublesome gound loop and noise problems. Also it can be used to replace relays and transformers in many digital interface applications, as well as analog applications such as CRT modulation.

The ILD74 has two isolated channels in a single DIP package; the ILQ74 has four isolated channels per package.



FEATURES

• 7400 Series T2L Compatible

• Transfer Ratio, 35% Typical

• Coupling Capacitance, 0.5 pF

• Single, Dual, & Quad Channel

• Industry Standard DIP Package

• Underwriters Lab File #E52744

• VDE Approvals #0884

(Optional with Option 1, Add -X001 Suffix)



 




Similar Part No. - IL74

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
09-Jan-08
logo
ISOCOM COMPONENTS
IL74 ISOCOM-IL74 Datasheet
87Kb / 3P
HIGH DENSITY PHOTOTRANSISTOR OPTICALLY
logo
Vishay Siliconix
IL74-X006 VISHAY-IL74-X006 Datasheet
191Kb / 9P
Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
09-Jan-08
More results


Similar Description - IL74

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
MCT271 QT-MCT271 Datasheet
455Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
MCT2E QT-MCT2E Datasheet
608Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL1 SIEMENS-IL1 Datasheet
81Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Microsemi Corporation
MXP1158 MICROSEMI-MXP1158 Datasheet
38Kb / 1P
Phototransistor Optocoupler
logo
General Semiconductor
MCT26 GE-MCT26 Datasheet
123Kb / 2P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
Vishay Siliconix
VOL628A VISHAY-VOL628A_18 Datasheet
220Kb / 9P
Optocoupler, Phototransistor Output, AC Input, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
09-Aug-2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com