Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSY5MA3131A Datasheet (PDF) - OptoSupply International

OSY5MA3131A Datasheet PDF - OptoSupply International
Part # OSY5MA3131A
Download  OSY5MA3131A Download
File Size   106.91 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Phoenix Yellow LED

OSY5MA3131A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSY5MA3131A Datasheet PDF - OptoSupply International

Part # OSY5MA3131A
Download  OSY5MA3131A Click to download

File Size   106.91 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Phoenix Yellow LED

OSY5MA3131A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSY5MA3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MA3131A OPTOSUPPLY-OSY5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Yellow LED
More results


Similar Description - OSY5MA3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5MA3131A OPTOSUPPLY-OSO5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Orange LED
OSR5MA3131A OPTOSUPPLY-OSR5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Red LED
OSY5MA5C31C OPTOSUPPLY-OSY5MA5C31C Datasheet
98Kb / 1P
5mm Round Phoenix Yellow LED
OSY5MA3111P OPTOSUPPLY-OSY5MA3111P Datasheet
98Kb / 1P
Deluxe Power 3mm Round Phoenix Yellow LED
OSY5MA3131A OPTOSUPPLY-OSY5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Yellow LED
OSY5MA4131A OPTOSUPPLY-OSY5MA4131A Datasheet
100Kb / 1P
4mm Round Phoenix Yellow LED
OSY5MS3131A OPTOSUPPLY-OSY5MS3131A Datasheet
96Kb / 1P
3mm Flashing Phoenix Yellow LED
OSR5MA3131A OPTOSUPPLY-OSR5MA3131A_09 Datasheet
106Kb / 1P
3mm Round Phoenix Red LED
OSY5MA5C31C OPTOSUPPLY-OSY5MA5C31C_11 Datasheet
180Kb / 1P
5mm Round Phoenix Yellow LED
OSY5MA8131A OPTOSUPPLY-OSY5MA8131A_09 Datasheet
103Kb / 1P
8mm Round Phoenix Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com