Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD879 Datasheet (PDF) - Unisonic Technologies

2SD879 Datasheet PDF - Unisonic Technologies
Part # 2SD879
Download  2SD879 Download
File Size   98.33 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5V, 3V STROBE APPLICATIONS

2SD879 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD879 Datasheet PDF - Unisonic Technologies

Part # 2SD879
Download  2SD879 Click to download

File Size   98.33 Kbytes
Page   2 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 1.5V, 3V STROBE APPLICATIONS

2SD879 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 2SD879

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Dc Components
2SD879 DCCOM-2SD879 Datasheet
213Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
95Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Inchange Semiconductor ...
2SD879 ISC-2SD879 Datasheet
142Kb / 2P
High Collector Current-IC= 3.0A
More results


Similar Description - 2SD879

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620 Datasheet
75Kb / 3P
1.5V,3V Strobe Applications
2SD826 SANYO-2SD826 Datasheet
114Kb / 4P
3V,6V Strobe Applications
2SD879 SANYO-2SD879 Datasheet
94Kb / 4P
1.5V, 3V Strobe Applications
logo
Toshiba Semiconductor
GT5G131 TOSHIBA-GT5G131 Datasheet
289Kb / 6P
Strobe Flash Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879 Datasheet
91Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Toshiba Semiconductor
GT8G121 TOSHIBA-GT8G121_06 Datasheet
413Kb / 5P
STROBE FLASH APPLICATIONS
2SC5030 TOSHIBA-2SC5030_04 Datasheet
146Kb / 5P
Strobe Flash Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_2 Datasheet
95Kb / 3P
1.5V, 3V STROBE APPLICATIONS
logo
Sanyo Semicon Device
2SD1620 SANYO-2SD1620_10 Datasheet
91Kb / 4P
1.5V, 3V Strobe Applications
logo
Unisonic Technologies
2SD879 UTC-2SD879_15 Datasheet
99Kb / 3P
1.5V, 3V STROBE APPLICATIONS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com