Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCM63P736 Datasheet (PDF) - Motorola, Inc

MCM63P736 Datasheet PDF - Motorola, Inc
Part # MCM63P736
Download  MCM63P736 Download
File Size   315.65 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM63P736 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCM63P736 Datasheet PDF - Motorola, Inc

Part # MCM63P736
Download  MCM63P736 Click to download

File Size   315.65 Kbytes
Page   20 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM

MCM63P736 Datasheet (HTML) - Motorola, Inc


MCM63P736 Product details

The MCM63P736 and MCM63P818 are 4M bit synchronous fast static RAMs designed to provide a burstable, high performance, secondary cache for the PowerPC and other high performance microprocessors. The MCM63P736 is organized as 128K words of 36 bits each and the MCM63P818 is organized as 256K words of 18 bits each. These devices integrate input registers, an output register, a 2–bit address counter, and high speed SRAM onto a single monolithic circuit for reduced parts count in cache data RAM applications. Synchronous design allows precise cycle control with the use of an external clock (K).

• MCM63P736/MCM63P818–133 = 4 ns Access/7.5 ns Cycle (133 MHz)
    MCM63P736/MCM63P818–100 = 5 ns Access/10 ns Cycle (100 MHz)
    MCM63P736/MCM63P818–66 = 7 ns Access/15 ns Cycle (66 MHz)
• 3.3 V + 10%, – 5% Core Power Supply, 2.5 V or 3.3 V I/O Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Two–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• Sleep Mode (ZZ)
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA and 100–Pin TQFP Packages




Similar Part No. - MCM63P736

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ100 MOTOROLA-MCM63P733ATQ100 Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ100R MOTOROLA-MCM63P733ATQ100R Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ117 MOTOROLA-MCM63P733ATQ117 Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P733ATQ117R MOTOROLA-MCM63P733ATQ117R Datasheet
238Kb / 16P
128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Similar Description - MCM63P736

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63Z736 MOTOROLA-MCM63Z736 Datasheet
220Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined ZBT RAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P837 MOTOROLA-MCM63P837 Datasheet
719Kb / 30P
256K x 36 and 512K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com