Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4811 Datasheet (PDF) - Unisonic Technologies

LM4811 Datasheet PDF - Unisonic Technologies
Part # LM4811
Download  LM4811 Download
File Size   209.76 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE

LM4811 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM4811 Datasheet PDF - Unisonic Technologies

Part # LM4811
Download  LM4811 Click to download

File Size   209.76 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL AND SHUTDOWN MODE

LM4811 Datasheet (HTML) - Unisonic Technologies


LM4811 Product details

DESCRIPTION

The UTC LM4811 is a dual audio power amplifier with digital volume control and shutdown mode function. It is featured in unity-gain stability. The digital volume control sets the amplifier’s gain from +12dB to -33dB in 16 discrete steps using a two-wire interface. The shutdown mode is externally controlled, active-high and micropower consumption. Aninternal thermal shutdown protection circuit is contained in the device.



FEATURES

* Digital volume control range: +12dB~ -33dB

* "Click and Pop" suppression circuitry

* Saving the use of bootstrap capacitors

* Low shutdown current




Similar Part No. - LM4811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4811 NSC-LM4811 Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
logo
Texas Instruments
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
Dual 105mW Headphone Amplifier
logo
Unisonic Technologies
LM4811G-SM2-R UTC-LM4811G-SM2-R Datasheet
199Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
National Semiconductor ...
LM4811LD NSC-LM4811LD Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
LM4811MM NSC-LM4811MM Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
More results


Similar Description - LM4811

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4809 NSC-LM4809 Datasheet
903Kb / 18P
Dual 105mW Headphone Amplifier with Active-Low Shutdown Mode
LM4810 NSC-LM4810 Datasheet
928Kb / 18P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4811 NSC-LM4811 Datasheet
727Kb / 18P
Dual 105mW Headphone Amplifier with Digital Volume
logo
List of Unclassifed Man...
HWD2111 ETC1-HWD2111 Datasheet
1Mb / 19P
Dual 105mW Headphone Amplifier with Digital Volume Control and Shutdown Mode
logo
Texas Instruments
LM4809LQX TI1-LM4809LQX Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4809 TI1-LM4809_14 Datasheet
1Mb / 30P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
logo
Unisonic Technologies
LM4811 UTC-LM4811_15 Datasheet
199Kb / 9P
DUAL 105mW HEADPHONE AMPLIFIER WITH DIGITAL VOLUME CONTROL
logo
Texas Instruments
LM4809 TI-LM4809_15 Datasheet
1Mb / 29P
Dual 105mW Headphone Amplifier with Active- Low Shutdown Mode
LM4810 TI-LM4810_15 Datasheet
1Mb / 25P
Dual 105mW Headphone Amplifier with Active-High Shutdown Mode
LM4811 TI1-LM4811 Datasheet
1Mb / 24P
Dual 105mW Headphone Amplifier
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com