Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8N65 Datasheet (PDF) - Unisonic Technologies

8N65 Datasheet PDF - Unisonic Technologies
Part # 8N65
Download  8N65 Download
File Size   225.94 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A, 650V N-CHANNEL POWER MOSFET

8N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
8N65 Datasheet PDF - Unisonic Technologies

Part # 8N65
Download  8N65 Click to download

File Size   225.94 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8A, 650V N-CHANNEL POWER MOSFET

8N65 Datasheet (HTML) - Unisonic Technologies


8N65 Product details

■ DESCRIPTION

The UTC 8N65 is a high voltage and high current power MOSFET designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. This power MOSFET is usually used in high speed switching applications at power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.



■ FEATURES

* RDS(ON) = 1.4Ω@VGS = 10 V

* Ultra low gate charge ( typical 28 nC )

* Low reverse transfer capacitance ( CRSS = typical 12.0 pF )

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness



 




Similar Part No. - 8N65

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
8N65 CHONGQING-8N65 Datasheet
194Kb / 2P
8A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
8N65 ZSELEC-8N65 Datasheet
473Kb / 7P
N-CHANNEL POWER MOSFET
logo
SUNMATE electronic Co.,...
8N65 SUNMATE-8N65 Datasheet
1Mb / 8P
N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
8N65 ISC-8N65 Datasheet
96Kb / 2P
isc N-Channel Mosfet Transistor
More results


Similar Description - 8N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOT8N65 AOSMD-AOT8N65 Datasheet
159Kb / 6P
650V, 8A N-Channel MOSFET
logo
HY ELECTRONIC CORP.
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
650V / 8A N-Channel Enhancement Mode MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65 TSC-TSM7N65_12 Datasheet
408Kb / 9P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
650V N-Channel Power MOSFET
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
650V N-Channel Power MOSFET
logo
Microdiode Semiconducto...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
650V N-Channel Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com