Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3019A Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3019A Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3019A
Download  AP3019A Download
File Size   619.82 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED STEP-UP CONVERTER

AP3019A Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3019A Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3019A
Download  AP3019A Click to download

File Size   619.82 Kbytes
Page   15 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description WHITE LED STEP-UP CONVERTER

AP3019A Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3019A Product details

General Description
The AP3019A is an inductor-based DC/DC converter designed to drive up to eight white LEDs in series for backlight. Only one feedback resistor is needed to control the LED current and obtain required brightness.
A constant frequency 1.2MHz PWM control scheme is employed in this IC, which means tiny external components can be used. Specifically, 1mm tall inductor and 0.22µF output capacitor for a typical application is sufficient. Additionally, the Schottky diode in boost circuit is integrated on this chip. AP3019A also provides a disable pin to ease its use for different systems.
The output over-voltage protection is implemented in AP3019A. When any LED is broken or in other abnormal conditions, the output voltage will be clamped.
The AP3019A is available in standard SOT-23-6 and TSOT-23-6 packages.

Features
• Inherently Uniform LED Current
• High Efficiency up to 84%
• No Need for External Schottky Diode
• Output Over-voltage Protection (OVP)
• Fixed 1.2MHz Switching Frequency
• Uses Tiny 1mm Tall Inductor
• Requires Only 0.22µF Output Capacitor

Applications
• Cellular Phones
• Digital Cameras
• LCD modules
• GPS Receivers
• PDAs, Handheld Computers




Similar Part No. - AP3019A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3019A DIODES-AP3019A Datasheet
305Kb / 12P
WHITE LED STEP-UP CONVERTER
Rev 3
More results


Similar Description - AP3019A

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3029 BCDSEMI-AP3029_09 Datasheet
779Kb / 16P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com