Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3720 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3720 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3720
Download  AP3720 Download
File Size   681.83 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CURRENT MODE PWM CONTROLLER FOR BJT

AP3720 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3720 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3720
Download  AP3720 Click to download

File Size   681.83 Kbytes
Page   13 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description CURRENT MODE PWM CONTROLLER FOR BJT

AP3720 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3720 Product details

General Description
The AP3720 is a low startup current, current mode PWM controller with green-mode operation. The PWM switching frequency at normal operation is 65k, but when the output power drops below the specifically level, the device enters the frequency-drop mode and the typical operating frequency is 20kHz (no audible noise). Additionally, when the load drops to a very low level or zero, the IC operates in so called ‘burst mode’ to minimize switching loss.
   
Features
• Low Startup Current ( 2.5µA ) and Low
    Operating Current (1.2mA)
• Off-line Converter Applied in Sub 25W Range
• Skip Cycle Mode Achieves Low Standby Power
    (<200mW)
• Cycle-by-Cycle Power Limited
• Frequency-drop Mode
• Soft Start with 2ms
• Programmable Drive Current for BJT
• Leading Edge Blanking
• Pre-shutdown Decreases Turn-off Losses
• Reliable Protection:
    Accurate OCP with Line Compensation
    Short Circuit Protection
    Over Voltage Protection for VCC
    Hysteretic Thermal Shutdown Protection
   
Applications
• STB
• Cable Modem
• ADSL Modem
• DVD Recorder
   




Similar Part No. - AP3720

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3720 BCDSEMI-AP3720_13 Datasheet
496Kb / 13P
CURRENT MODE PWM CONTROLLER FOR BJT
More results


Similar Description - AP3720

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
Current-mode PWM controller
August 31, 1994
logo
Texas Instruments
UC1843 TI-UC1843 Datasheet
937Kb / 3P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
CURRENT MODE PWM CONTROLLER
logo
Linear Dimensions Semic...
LND3842 LINEAR_DIMENSIONS-LND3842 Datasheet
158Kb / 10P
Current Mode PWM Controller
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3844Y TI1-UC3844Y Datasheet
708Kb / 28P
CURRENT MODE PWM CONTROLLER
UC3845D-8 TI-UC3845D-8 Datasheet
693Kb / 28P
CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3720 BCDSEMI-AP3720_13 Datasheet
496Kb / 13P
CURRENT MODE PWM CONTROLLER FOR BJT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com