Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12N65 Datasheet (PDF) - Unisonic Technologies

12N65 Datasheet PDF - Unisonic Technologies
Part # 12N65
Download  12N65 Download
File Size   374.34 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 650V N-CHANNEL POWER MOSFET

12N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
12N65 Datasheet PDF - Unisonic Technologies

Part # 12N65
Download  12N65 Click to download

File Size   374.34 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 12A, 650V N-CHANNEL POWER MOSFET

12N65 Datasheet (HTML) - Unisonic Technologies


12N65 Product details

DESCRIPTION

The UTC 12N65 are N-Channel enhancement mode power field effect transistors (MOSFET) which are produced by using UTC’s proprietary, planar stripe and DMOS technology. These devices are suited for high efficiency switch mode power supply. To minimize on-state resistance, provide superior switching performance and withstand high energy pulse in the avalanche and commutation mode, the advanced technology has been especially tailored.



FEATURES

* RDS(ON) = 0.85Ω @VGS = 10 V

* Ultra low gate charge ( typical 42 nC )

* Low reverse transfer capacitance ( CRSS = typical 25 pF )

* Fast switching capability

* Avalanche energy specified

* Improved dv/dt capability, high ruggedness




Similar Part No. - 12N65

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12N65 NELLSEMI-12N65 Datasheet
355Kb / 7P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
12N65 ISC-12N65 Datasheet
136Kb / 2P
Drain Current ?밒D= 12A@ TC=25C
logo
Chongqing Pingwei Enter...
12N65 CHONGQING-12N65 Datasheet
194Kb / 2P
12A mps,650 Volts N-CHANNEL MOSFET
logo
DIYI Electronic Technol...
12N65 DYELEC-12N65 Datasheet
2Mb / 9P
650V N-Channel Power MOSFET
logo
Zibo Seno Electronic En...
12N65 ZSELEC-12N65 Datasheet
820Kb / 7P
N-CHANNEL POWER MOSFET
More results


Similar Description - 12N65

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
H12N65 HSMC-H12N65 Datasheet
206Kb / 6P
N-Channel Power MOSFET (650V,12A)
logo
Alpha & Omega Semicondu...
AOT12N65 AOSMD-AOT12N65 Datasheet
160Kb / 6P
650V, 12A N-Channel MOSFET
AOW12N65 AOSMD-AOW12N65 Datasheet
246Kb / 6P
650V, 12A N-Channel MOSFET
AOB12N65L AOSMD-AOB12N65L Datasheet
385Kb / 6P
650V, 12A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF12N65F SILAN-SVF12N65F Datasheet
403Kb / 10P
12A, 650V N-CHANNEL MOSFET
logo
Jiangsu Donghai Semicon...
12N65 WXDH-12N65 Datasheet
891Kb / 11P
12A 650V N-channel Enhancement Mode Power MOSFET
E12N65 WXDH-E12N65 Datasheet
891Kb / 11P
12A 650V N-channel Enhancement Mode Power MOSFET
I12N65 WXDH-I12N65 Datasheet
891Kb / 11P
12A 650V N-channel Enhancement Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com