Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13N40 Datasheet (PDF) - Unisonic Technologies

13N40 Datasheet PDF - Unisonic Technologies
Part # 13N40
Download  13N40 Download
File Size   157.61 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 13A, 400V N-CHANNEL POWER MOSFET

13N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
13N40 Datasheet PDF - Unisonic Technologies

Part # 13N40
Download  13N40 Click to download

File Size   157.61 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 13A, 400V N-CHANNEL POWER MOSFET

13N40 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 13N40

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
13N40 ISC-13N40 Datasheet
68Kb / 2P
Fast Switching
logo
Unisonic Technologies
13N40K-MT UTC-13N40K-MT Datasheet
216Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40KG-TA3-T UTC-13N40KG-TA3-T Datasheet
216Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40KG-TF1-T UTC-13N40KG-TF1-T Datasheet
216Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40KG-TF2-T UTC-13N40KG-TF2-T Datasheet
216Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results


Similar Description - 13N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
400V N-CHANNEL POWER MOSFET
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
5A, 400V N-CHANNEL POWER MOSFET
13N50 UTC-13N50_11 Datasheet
221Kb / 6P
13A, 500V N-CHANNEL POWER MOSFET
UPC8026 UTC-UPC8026 Datasheet
154Kb / 4P
30V, 13A N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
Silan Microelectronics ...
SVF13N50F SILAN-SVF13N50F Datasheet
400Kb / 9P
13A, 500V N-CHANNEL MOSFET
logo
Will Semiconductor Ltd.
WNM3030 WILLSEMI-WNM3030 Datasheet
1Mb / 8P
Single N-Channel, 30V, 13A, Power MOSFET
WNMD2181 WILLSEMI-WNMD2181 Datasheet
1Mb / 8P
Dual N-Channel, 20V, 13A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com