Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15N60 Datasheet (PDF) - Unisonic Technologies

15N60 Datasheet PDF - Unisonic Technologies
Part # 15N60
Download  15N60 Download
File Size   185.37 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 600V N-CHANNEL POWER MOSFET

15N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
15N60 Datasheet PDF - Unisonic Technologies

Part # 15N60
Download  15N60 Click to download

File Size   185.37 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 15A, 600V N-CHANNEL POWER MOSFET

15N60 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 15N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
15 Amps, 600 Volts N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
15N60 ISC-15N60 Datasheet
49Kb / 2P
High Switching Speed
logo
VBsemi Electronics Co.,...
15N60 VBSEMI-15N60 Datasheet
1Mb / 9P
N-Channel 650V (D-S) Power MOSFET
logo
Unisonic Technologies
15N60-MT UTC-15N60-MT Datasheet
742Kb / 8P
15A, 600V N-CHANNEL POWER MOSFET
logo
Infineon Technologies A...
15N60C3 INFINEON-15N60C3 Datasheet
689Kb / 14P
Cool MOS??Power Transistor
Rev. 3.2 2009-12-22
More results


Similar Description - 15N60

ManufacturerPart #DatasheetDescription
logo
Rohm
R6015ANX ROHM-R6015ANX_12 Datasheet
1Mb / 14P
Nch 600V 15A Power MOSFET
logo
MagnaChip Semiconductor...
MDP15N60G MGCHIP-MDP15N60G Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 15A, 0.40(ohm)
MDP15N60G MGCHIP-MDP15N60G_11 Datasheet
1Mb / 8P
N-Channel MOSFET 600V, 15A, 0.40(ohm)
logo
Rohm
R6015ENJ ROHM-R6015ENJ Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
R6015ENX ROHM-R6015ENX Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
Nch 600V 15A Power MOSFET
R6015FNJ ROHM-R6015FNJ Datasheet
3Mb / 15P
Nch 600V 15A Power MOSFET
R6015KNX ROHM-R6015KNX Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
logo
PFC Device Inc.
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
15A 600V Single N?륝hannel Power MOSFET
logo
Shindengen Electric Mfg...
P15F60HP2F SHINDENGEN-P15F60HP2F Datasheet
1Mb / 8P
Power MOSFETs 600V, 15A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com