Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N65 Datasheet (PDF) - Unisonic Technologies

20N65 Datasheet PDF - Unisonic Technologies
Part # 20N65
Download  20N65 Download
File Size   133.81 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 650V N-CHANNEL POWER MOSFET

20N65 Datasheet (PDF)

Go To PDF Page Download Datasheet
20N65 Datasheet PDF - Unisonic Technologies

Part # 20N65
Download  20N65 Click to download

File Size   133.81 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 20A, 650V N-CHANNEL POWER MOSFET

20N65 Datasheet (HTML) - Unisonic Technologies


20N65 Product details

DESCRIPTION

The UTC20N65 is an N-channel enhancement mode power MOSFET using UTC’s advanced technology to provide customers with planar stripe and DMOS technology. This technology is specialized in allowing a minimum on-state resistance and superior switching performance. It also can withstand high energy pulse in the avalanche and commutation mode. The UTC20N65 is universally applied in motor control, UPS, DC choppers and switch-mode and resonant-mode power supplies.





FEATURES

* RDS(ON)= 0.45Ω@VGS= 10 V

* High switching speed




Similar Part No. - 20N65

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
20N65 SHUNYE-20N65 Datasheet
1Mb / 6P
20A N-Channel Power MOSFET
V2.22
logo
DONGGUAN YOU FENG WEI E...
20N65A YFWDIODE-20N65A Datasheet
891Kb / 6P
20A 650V N-channel enhancement mode field effect transistor
logo
Wuxi NCE Power Semicond...
20N65C3 NCEPOWER-20N65C3 Datasheet
513Kb / 7P
Super Junction MOSFET
logo
STMicroelectronics
20N65M5 STMICROELECTRONICS-20N65M5 Datasheet
1Mb / 21P
N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
01-Feb-2013
logo
Chongqing Pingwei Enter...
20N65Y CHONGQING-20N65Y Datasheet
481Kb / 7P
20 Amps,650 Volts N-CHANNEL MOSFET
More results


Similar Description - 20N65

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
650V N-Channel Power MOSFET
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
650V N-Channel Power MOSFET
logo
PFC Device Inc.
PSM20N65CT PFC-PSM20N65CT Datasheet
1,006Kb / 10P
20A 650V Single N-Channel Power MOSFET
PSM20N65CTB PFC-PSM20N65CTB Datasheet
1,015Kb / 10P
20A 650V Single N-Channel Power MOSFET
PSM20N65CTF PFC-PSM20N65CTF Datasheet
991Kb / 10P
20A 650V Single N-Channel Power MOSFET
logo
Rohm
R6520KNZ4 ROHM-R6520KNZ4 Datasheet
2Mb / 15P
Nch 650V 20A Power MOSFET
R6520ENX ROHM-R6520ENX Datasheet
1Mb / 15P
Nch 650V 20A Power MOSFET
R6520KNX3 ROHM-R6520KNX3 Datasheet
2Mb / 14P
Nch 650V 20A Power MOSFET
logo
AiT Semiconductor Inc.
AM20N65 AITSEMI-AM20N65 Datasheet
1Mb / 11P
MOSFET 650V, 20A N-CHANNEL
REV1.0 - JUN 2022
logo
Rohm
R6520ENZ4 ROHM-R6520ENZ4 Datasheet
1Mb / 14P
Nch 650V 20A Power MOSFET
20200108 - Rev.002
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com