Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24N50 Datasheet (PDF) - Unisonic Technologies

24N50 Datasheet PDF - Unisonic Technologies
Part # 24N50
Download  24N50 Download
File Size   213.36 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 24A, 500V N-CHANNEL POWER MOSFET

24N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
24N50 Datasheet PDF - Unisonic Technologies

Part # 24N50
Download  24N50 Click to download

File Size   213.36 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 24A, 500V N-CHANNEL POWER MOSFET

24N50 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 24N50

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
24N50 UTC-24N50 Datasheet
163Kb / 6P
24 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
24N50 ISC-24N50 Datasheet
49Kb / 2P
Fast Switching
logo
Unisonic Technologies
24N50G-T47-T UTC-24N50G-T47-T Datasheet
163Kb / 6P
24 Amps, 500 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
24N50H KIA-24N50H Datasheet
290Kb / 5P
24A竊?00V N-CHANNEL MOSFET
logo
Unisonic Technologies
24N50L-T47-T UTC-24N50L-T47-T Datasheet
163Kb / 6P
24 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results


Similar Description - 24N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA24N50 FAIRCHILD-FDA24N50 Datasheet
683Kb / 8P
N-Channel MOSFET 500V, 24A, 0.19廓
FDA24N50F FAIRCHILD-FDA24N50F Datasheet
676Kb / 8P
N-Channel MOSFET 500V, 24A, 0.2廓
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDA24N50F FAIRCHILD-FDA24N50F_12 Datasheet
398Kb / 8P
N-Channel MOSFET 500V, 24A, 0.2廓
logo
Taiwan Semiconductor Co...
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
500V N-Channel Power MOSFET
logo
Thinki Semiconductor Co...
FSW30N50C THINKISEMI-FSW30N50C Datasheet
2Mb / 7P
THINKISEMI 24A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
SLW24N50C THINKISEMI-SLW24N50C Datasheet
2Mb / 7P
THINKISEMI 24A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
TSA24N50M THINKISEMI-TSA24N50M Datasheet
2Mb / 7P
THINKISEMI 24A,500V N-CHANNEL PLANAR STRIPE POWER MOSFETs
Rev.11T
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com