Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3K333R Datasheet (PDF) - Unisonic Technologies

SSM3K333R Datasheet PDF - Unisonic Technologies
Part # SSM3K333R
Download  SSM3K333R Download
File Size   167.27 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6A, 30V N-CHANNEL POWER MOSFET

SSM3K333R Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3K333R Datasheet PDF - Unisonic Technologies

Part # SSM3K333R
Download  SSM3K333R Click to download

File Size   167.27 Kbytes
Page   3 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 6A, 30V N-CHANNEL POWER MOSFET

SSM3K333R Datasheet (HTML) - Unisonic Technologies


SSM3K333R Product details

DESCRIPTION
The UTC SSM3K333R is an N-channel power MOSFET using UTC’s advanced technology to provide customers with a minimum on-state resistance and superior switching performance.
The UTC SSM3K333R is usually used in power management switching applications.

FEATURES
* RDS(ON)<42mΩ @ VGS=4.5V
   RDS(ON)<28mΩ @ VGS=10V
* High switching speed
* Low gate charge (Typ.=3.4nC)
* Low CRSS (Typ.=28pF)




Similar Part No. - SSM3K333R

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3K333R TOSHIBA-SSM3K333R Datasheet
215Kb / 5P
Power Management Switch Applications High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
SSM3K333R VBSEMI-SSM3K333R Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
SSM3K333R TOSHIBA-SSM3K333R Datasheet
370Kb / 9P
MOSFETs Silicon N-Channel MOS (U-MOSVII-H)
2021-10-22 Rev.1.0
logo
Unisonic Technologies
SSM3K333RG-AE3-R UTC-SSM3K333RG-AE3-R Datasheet
167Kb / 3P
N-CHANNEL POWER MOSFET
SSM3K333RL-AE3-R UTC-SSM3K333RL-AE3-R Datasheet
167Kb / 3P
N-CHANNEL POWER MOSFET
More results


Similar Description - SSM3K333R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS6DNF30L STMICROELECTRONICS-STS6DNF30L Datasheet
83Kb / 8P
DUAL N - CHANNEL 30V - 0.022ohm - 6A SO-8 STripFET POWER MOSFET
Apr-1999
logo
Intersil Corporation
HUF76113DK8 INTERSIL-HUF76113DK8 Datasheet
210Kb / 12P
6A, 30V, 0.032 Ohm, Dual N-Channel, Logic Level UltraFET Power MOSFET
June 2000
logo
STMicroelectronics
STC6NF30V STMICROELECTRONICS-STC6NF30V Datasheet
305Kb / 8P
N-channel 30V - 0.020 - 6A - TSSOP8 2.5V-drive STripFET II Power MOSFET
Feb-2003
logo
SeCoS Halbleitertechnol...
SGM3055 SECOS-SGM3055_11 Datasheet
778Kb / 4P
6A , 30V , RDS(ON) 26 m??N-Channel Enhancement Mode Power MOSFET
logo
Unisonic Technologies
6N40_1109 UTC-6N40_1109 Datasheet
189Kb / 6P
6A, 400V N-CHANNEL POWER MOSFET
UF6N15Z UTC-UF6N15Z Datasheet
144Kb / 3P
6A, 150V N-CHANNEL POWER MOSFET
UTT6N10 UTC-UTT6N10 Datasheet
147Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
UTT6N10Z UTC-UTT6N10Z Datasheet
168Kb / 3P
100V, 6A N-CHANNEL POWER MOSFET
logo
Rohm
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
Pch -30V -6A Middle Power MOSFET
RF4E060AJ ROHM-RF4E060AJ Datasheet
2Mb / 14P
Nch 30V 6A Middle Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com