Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74LVC14A Datasheet (PDF) - Unisonic Technologies

U74LVC14A Datasheet PDF - Unisonic Technologies
Part # U74LVC14A
Download  U74LVC14A Download
File Size   170.15 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HEX SCHMITT-TRIGGER INVERTERS

U74LVC14A Datasheet (PDF)

Go To PDF Page Download Datasheet
U74LVC14A Datasheet PDF - Unisonic Technologies

Part # U74LVC14A
Download  U74LVC14A Click to download

File Size   170.15 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description HEX SCHMITT-TRIGGER INVERTERS

U74LVC14A Datasheet (HTML) - Unisonic Technologies


U74LVC14A Product details

DESCRIPTION

The U74LVC14Adevices contain six independent inverters with Schmitt-trigger action whichperform the Boolean function Y=A in positive logic. This device has power-down protectivecircuit reventing destruction of the device when it is powered down.





FEATURES

* Operate From 1.65V to 3.6V

* Inputs Accept Voltages to 5.5V

* IOFF Supports Partial-Power-Down Mode

* Low Power Dissipation

* Max tPDof 6.4 ns at 3.3V




Similar Part No. - U74LVC14A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC14AG-P14-R UTC-U74LVC14AG-P14-R Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74LVC14AG-S14-R UTC-U74LVC14AG-S14-R Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74LVC14AL-P14-R UTC-U74LVC14AL-P14-R Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74LVC14AL-S14-R UTC-U74LVC14AL-S14-R Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
U74LVC14A UTC-U74LVC14A_15 Datasheet
170Kb / 5P
HEX SCHMITT-TRIGGER INVERTER
More results


Similar Description - U74LVC14A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN74AC14 TI-SN74AC14 Datasheet
455Kb / 13P
HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
HEX SCHMITT-TRIGGER INVERTERS
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
HEX SCHMITT-TRIGGER INVERTERS
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
Hex Schmitt-trigger Inverters
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
HEX SCHMITT-TRIGGER INVERTERS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com