Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS5420 Datasheet (PDF) - Siemens Semiconductor Group

LS5420 Datasheet PDF - Siemens Semiconductor Group
Part # LS5420
Download  LS5420 Download
File Size   93.5 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description T1(5mm) LED LAMP

LS5420 Datasheet (PDF)

Go To PDF Page Download Datasheet
LS5420 Datasheet PDF - Siemens Semiconductor Group

Part # LS5420
Download  LS5420 Click to download

File Size   93.5 Kbytes
Page   1 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description T1(5mm) LED LAMP

LS5420 Datasheet (HTML) - Siemens Semiconductor Group


LS5420 Product details

DESCRIPTION
The LR 5420 is a standard red GaAsP light emitting diode lamp. The LS 5420 super-red and LY 5420 yellow lamps are fabricated with TSN (transparent substrate nitrogen) technology. The LG 5410 is a gallium phosphide LED lamp. All four have a lightly tinted clear lens with a narrow viewing angle for the concentration of intense brightness in a head-on position. This is particularly desirable for legend back lighting applications.




Similar Part No. - LS5420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS5420 SIEMENS-LS5420 Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5420-MQ SIEMENS-LS5420-MQ Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5420-P SIEMENS-LS5420-P Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5420-PT SIEMENS-LS5420-PT Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
LS5420-Q SIEMENS-LS5420-Q Datasheet
350Kb / 7P
5 mm (T1 3/4) LED, Non Diffused
More results


Similar Description - LS5420

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LB5410 SIEMENS-LB5410 Datasheet
77Kb / 1P
BLUE T1 (5mm) LED LAMP
LR3360 SIEMENS-LR3360 Datasheet
91Kb / 1P
T1(3mm) LED LAMP
LR53601111 SIEMENS-LR53601111 Datasheet
75Kb / 1P
T1 (5mm) LED LAMP
LR54801111 SIEMENS-LR54801111 Datasheet
67Kb / 1P
T1 (5mm) LED LAMP
LS33401111 SIEMENS-LS33401111 Datasheet
88Kb / 1P
T1(3mm) LED LAMP
LS5180 SIEMENS-LS5180 Datasheet
89Kb / 1P
T1 (5mm) LED LAMP
logo
P-tec Corporation
PL15-CDG13 P-TEC-PL15-CDG13 Datasheet
35Kb / 1P
5MM (T1 3/4) LED
PL15-CDY01 P-TEC-PL15-CDY01 Datasheet
30Kb / 1P
5MM (T1 3/4) LED
PL16D-WCR23 P-TEC-PL16D-WCR23 Datasheet
73Kb / 1P
5MM (T1 3/4) LED
logo
List of Unclassifed Man...
QSD8T120B ETC1-QSD8T120B Datasheet
548Kb / 7P
5mm lamp LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com