Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD4P20 Datasheet (PDF) - Unisonic Technologies

UD4P20 Datasheet PDF - Unisonic Technologies
Part # UD4P20
Download  UD4P20 Download
File Size   139.66 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 20V DUAL P-CHANNEL POWER MOSFET

UD4P20 Datasheet (PDF)

Go To PDF Page Download Datasheet
UD4P20 Datasheet PDF - Unisonic Technologies

Part # UD4P20
Download  UD4P20 Click to download

File Size   139.66 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 4A, 20V DUAL P-CHANNEL POWER MOSFET

UD4P20 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - UD4P20

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
UD40 WILLOW-UD40 Datasheet
882Kb / 2P
High Voltage Divider Set, Thick film,Non-Inductive R1 & R2
logo
ShenZhen XinDeYi Electr...
UD4001 XINDEYI-UD4001 Datasheet
767Kb / 4P
P-Ch 40V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD4001 UNITPOWER-UD4001 Datasheet
767Kb / 4P
P-Ch 40V Fast Switching MOSFETs
logo
Unisonic Technologies
UD4001BG-D14-R UTC-UD4001BG-D14-R Datasheet
205Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UD4001BG-S14-R UTC-UD4001BG-S14-R Datasheet
168Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
More results


Similar Description - UD4P20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS4DPF20L STMICROELECTRONICS-STS4DPF20L Datasheet
249Kb / 8P
DUAL P-CHANNEL 20V - 0.07 ohm - 4A SO-8 STripFET™ POWER MOSFET
Feb-2002
logo
Taiwan Semiconductor Co...
TSM6981D TSC-TSM6981D Datasheet
405Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
20V Dual P-Channel MOSFET
logo
Fairchild Semiconductor
FDC642P FAIRCHILD-FDC642P_09 Datasheet
263Kb / 7P
P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
20V Dual P-Channel MOSFET
logo
E-CMOS Corporation
EC738205 E-CMOS-EC738205 Datasheet
330Kb / 7P
20V,4A Dual N-Channel MOSFET
EC732341E E-CMOS-EC732341E Datasheet
304Kb / 6P
-20V, -4A P-Channel MOS
logo
Will Semiconductor Ltd.
WPMD4953A WILLSEMI-WPMD4953A Datasheet
3Mb / 8P
Dual P-Channel, -20V, -3.4A, Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com