Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US204 Datasheet (PDF) - Unisonic Technologies

US204 Datasheet PDF - Unisonic Technologies
Part # US204
Download  US204 Download
File Size   249.16 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG

US204 Datasheet (PDF)

Go To PDF Page Download Datasheet
US204 Datasheet PDF - Unisonic Technologies

Part # US204
Download  US204 Click to download

File Size   249.16 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 100m廓, 1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG

US204 Datasheet (HTML) - Unisonic Technologies


US204 Product details

■ DESCRIPTION

The UTC US204 series are 100mΩ high-side power switches. There are internal duel low voltage N-Channel MOSFETS which whish is ideal all USB applications. These MOSFETS is driven by a charge pump circuitry inside, these switches on resistance are as low as 100mΩ which and meet the drop voltage for USB applications.

The flag pins output an open-drain fault flag to next controller. There’re lots internal special ways for protecting the chip’s operation. There are also built-in protection circnits to ensure the chips function normally.



■ FEATURES

* 100mΩ(Typ) N-Channel MOSFET

* Supply Current:

   – Switch On : 60μA (Typ)

   – Switch Off : 1μA (Typ)

* Load Current 1.5A for US204AH/AL and 1.0A for US204CH/CL

* Input Voltage from 2V ~ 5.5V

* In Off-State: Output Voltage can be Higher than Input




Similar Part No. - US204

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US204XXG-S08-R UTC-US204XXG-S08-R Datasheet
249Kb / 6P
1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204XXL-S08-R UTC-US204XXL-S08-R Datasheet
249Kb / 6P
1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US204 UTC-US204_15 Datasheet
249Kb / 6P
1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Similar Description - US204

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A Datasheet
289Kb / 9P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
logo
Unisonic Technologies
US203 UTC-US203 Datasheet
269Kb / 8P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_11 Datasheet
254Kb / 7P
80m廓, 0.6/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
Richtek Technology Corp...
RT9711 RICHTEK-RT9711_11 Datasheet
248Kb / 15P
80m廓, 1.5A High-Side Power Switches with Flag
RT9711A RICHTEK-RT9711A_11 Datasheet
261Kb / 17P
80m廓, 1.5A/0.6A High-Side Power Switches with Flag
RT9712 RICHTEK-RT9712 Datasheet
315Kb / 14P
90m廓, 1A/1.5A High-Side Dual Power Switches with Flag
RT9715 RICHTEK-RT9715 Datasheet
338Kb / 15P
90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
logo
Unisonic Technologies
US204 UTC-US204_15 Datasheet
249Kb / 6P
1/1.5A HIGH-SIDE POWER SWITCHES WITH FLAG
logo
AiT Semiconductor Inc.
A4772 AITSEMI-A4772 Datasheet
412Kb / 12P
POWER SWITCHES WITH FLAG 80m廓, 2.1A/1.5A HIGH-SIDE
REV1.6
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com