Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4081B Datasheet (PDF) - Unisonic Technologies

CD4081B Datasheet PDF - Unisonic Technologies
Part # CD4081B
Download  CD4081B Download
File Size   187.86 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD 2-INPUT AND BUFFERED B SERIES GATE

CD4081B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4081B Datasheet PDF - Unisonic Technologies

Part # CD4081B
Download  CD4081B Click to download

File Size   187.86 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description QUAD 2-INPUT AND BUFFERED B SERIES GATE

CD4081B Datasheet (HTML) - Unisonic Technologies


CD4081B Product details

DESCRIPTION

The UTC UCD4081Bcontains four independent 2-input AND gates,they perform the function • Y=A Bin positive logic.





FEATURES

* 5V-10V-15V Parametric Ratings

* Quad 2-Input AND Gate

* Symmetrical Output Characteristics

* Maximum Input Current of 1uA at 15V Over Full Package Temperature Rage

* Low Power TTL: Fan Out of 2 Driving 74L or 1 Driving 74LS Compatibility




Similar Part No. - CD4081B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4081B TI-CD4081B Datasheet
530Kb / 12P
CMOS AND GATES
CD4081B TI1-CD4081B Datasheet
1Mb / 29P
CMOS AND Gates
logo
Silicon Supplies
CD4081B SS-CD4081B Datasheet
517Kb / 4P
CMOS High Voltage Logic
CD4081B SS-CD4081B Datasheet
270Kb / 4P
CMOS High Voltage Logic
Rev 1.0 21/11/17
logo
List of Unclassifed Man...
CD4081B ETC-CD4081B Datasheet
280Kb / 4P
CMOS AND Gates
More results


Similar Description - CD4081B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4071BM NSC-CD4071BM Datasheet
182Kb / 8P
Quad 2-Input OR, AND Buffered B Series Gate
logo
Fairchild Semiconductor
CD4001BC FAIRCHILD-CD4001BC Datasheet
118Kb / 9P
Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC Datasheet
96Kb / 7P
Quad 2-Input OR Buffered B Series Gate . Quad 2-Input AND Buffered B Series Gate
CD4071BC FAIRCHILD-CD4071BC_02 Datasheet
101Kb / 7P
Quad 2-Input OR Buffered B Series Gate Quad 2-Input AND Buffered B Series Gate
logo
Unisonic Technologies
CD4001B UTC-CD4001B Datasheet
186Kb / 5P
QUAD 2-INPUT NOR BUFFERED B SERIES GATE
UCD4071 UTC-UCD4071 Datasheet
152Kb / 5P
QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B Datasheet
179Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
UCD4071B UTC-UCD4071B Datasheet
162Kb / 5P
QUAD 2-INPUT OR BUFFERED B SERIES GATE
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
QUAD 2-INPUT AND BUFFERED B SERIES GATE
UCD4011B UTC-UCD4011B_15 Datasheet
179Kb / 5P
QUAD 2-INPUT NAND BUFFERED B SERIES GATE
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com